Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS040 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT25FS040
Description  High Speed Small Sectored SPI Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS040 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT25FS040 Datasheet HTML 9Page - ATMEL Corporation AT25FS040 Datasheet HTML 10Page - ATMEL Corporation AT25FS040 Datasheet HTML 11Page - ATMEL Corporation AT25FS040 Datasheet HTML 12Page - ATMEL Corporation AT25FS040 Datasheet HTML 13Page - ATMEL Corporation AT25FS040 Datasheet HTML 14Page - ATMEL Corporation AT25FS040 Datasheet HTML 15Page - ATMEL Corporation AT25FS040 Datasheet HTML 16Page - ATMEL Corporation AT25FS040 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
AT25FS040
5107D–SFLSH–09/06
BLOCK ERASE (BLOCK ERASE): The BLOCK ERASE instruction sets all 64K bytes
in the selected block to logic 1 or erased state. In order to block erase the AT25FS040,
two separate instructions must be executed. First, the device must be write enabled via
the WREN instruction. Then the BLOCK ERASE instruction can be executed and will
erase every byte in the selected block if the block is not locked out. The block address is
automatically determined if any address within the block is selected (see Figure 13). The
BLOCK ERASE instruction is internally controlled and self timed to completion. During
this time, all commands will be ignored except RDSR instruction. The progress or com-
pletion of the erase operation can be determined by reading ready/busy bit (bit 0)
through RDSR instruction. If Bit 0=1, block erase cycle is in progress. If Bit0=0, the
erase operation has been completed. The AT25FS040 will automatically return to the
write disable state at the completion of the BLOCK ERASE cycle.
CHIP ERASE (CHIP ERASE): As an alternative to the SECTOR ERASE/BLOCK
ERASE, the CHIP ERASE instruction will erase every byte in all sectors that are not
locked out. First, the device must be write enabled via the WREN instruction. Then the
CHIP ERASE instruction can be executed. The CHIP ERASE instruction is internally
controlled; it will automatically be timed to completion. The CHIP ERASE cycle time typ-
ically is 8 seconds. During the internal erase cycle, all instructions will be ignored except
RDSR. The AT25FS040 will automatically return to the write disable state at the comple-
tion of the CHIP ERASE cycle.
Block 6
05FFFFH
050000H
Block 5
04FFFFH
040000H
Block 4
03FFFFH
030000H
Block 3
02FFFFH
020000H
Block 2
01FFFFH
010000H
Block 1
00FFFFH
000000H
Table 12. Sector and Block Address (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com