Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS040 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25FS040
Description  High Speed Small Sectored SPI Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS040 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25FS040 Datasheet HTML 1Page - ATMEL Corporation AT25FS040 Datasheet HTML 2Page - ATMEL Corporation AT25FS040 Datasheet HTML 3Page - ATMEL Corporation AT25FS040 Datasheet HTML 4Page - ATMEL Corporation AT25FS040 Datasheet HTML 5Page - ATMEL Corporation AT25FS040 Datasheet HTML 6Page - ATMEL Corporation AT25FS040 Datasheet HTML 7Page - ATMEL Corporation AT25FS040 Datasheet HTML 8Page - ATMEL Corporation AT25FS040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Table 4. AC Characteristics (Preliminary – Subject to Change)
0
50
MHz
5
ns
5
ns
9
ns
9
ns
100
ns
5
ns
5
ns
5
ns
5
ns
5
ns
5
ns
9
ns
0
ns
9
ns
9
ns
9
ns
50
200
ms
200
500
ms
1.6
4
s
60
ms
30
50
µs
10K
Write Cycles(3)
4
AT25FS040
5107D–SFLSH–09/06
Notes:
1. The programming time for n bytes will be equal to n x t
BPC.
2. This parameter is characterized at 3.0V.
3. One write cycle consists of erasing a sector, followed by programming the same sector.
Applicable over recommended operating range from T
A = –40°C to +85°C, VCC = +2.7V to +3.6V
C
L = 1 TTL Gate and 30 pF (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
fSCK
SCK Clock Frequency
t
RI
Input Rise Time
tFI
Input Fall Time
tWH
SCK High Time
t
WL
SCK Low Time
tCS
CS High Time
tCSS
CS Setup Time
t
CSH
CS Hold Time
tSU
Data In Setup Time
tH
Data In Hold Time
t
HD
Hold Setup Time
tCD
Hold Hold Time
tV
Output Valid
t
HO
Output Hold Time
tLZ
Hold to Output Low Z
t
HZ
Hold to Output High Z
t
DIS
Output Disable Time
tSE
Sector Erase Time
t
BE
Block Erase Time
t
CE
Chip Erase Time
tSR
Status Register Write Cycle Time
t
BPC
Byte Program Cycle Time(1)
Endurance(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com