Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE1S0505MC-R Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button CRE1S0505MC-R Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 11Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 12Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 13Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 14Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.E01 Page 10 of 17
www.murata.com
EMC FILTERING AND SPECTRA
FILTERING
The following table shows the additional input capacitor and input inductor typically required to meet EN 55022 Curve B Quasi-Peak EMC limit, as shown in the following
plots. The following plots show positive and negative quasi peak and CISPR22 Average Limit B (pink line) and Quasi Peak Limit B (green line) adherence limits.The below
values are for guidance only and should be evaluated in the application circuit. For the CRE1S0505MEC an input inductor is not required.
Inductor
Capacitor
Part Number
L, μH
SMD
Through Hole
C, μF
Rated
Voltage
Recommended Part
Number
CRE1S0505DC
4.7
82472C
13R472C
4.7
16VDC
GRM188Z71C475ME21
CRE1S0505SC
4.7
82472C
13R472C
4.7
16VDC
GRM188Z71C475ME21
CRE1S0515SC
4.7
82472C
13R472C
4.7
16VDC
GRM188Z71C475ME21
CRE1S1205SC
10
82103C
13R103C
1
50VDC
GRM21BR71H105KA12
CRE1S1212SC
10
82103C
13R103C
1
50VDC
GRM21BR71H105KA12
CRE1S2405SC
22
82223C
13R223C
10
50VDC
GRM32ER71H106MA12
CRE1S2412SC
22
82223C
13R223C
10
50VDC
GRM32ER71H106MA12
CRE1S0305S3C
10
82103C
13R103C
1
50VDC
GRM188R71C105MA12
CRE1S0505S3C
10
82103C
13R103C
1
50VDC
GRM188R71C105MA12
CRE1S0505MC
10
82103C
13R103C
4.7
16VDC
GRM188Z71C475ME21
CRE1S0505MEC
NR
NR
NR
22
10VDC
GRM32ER71A226ME20
CRE1S0505XC
CRE1S0515SC
CRE1S1205SC
CRE1S1212SC
DC
DC
C
L
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1.00E+05
1.00E+06
1.00E+07
1.00E+08
Frequency (Hz)
NR - Not required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com