Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE1S0505MC-R Datasheet(PDF) 12 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 12 Page - Murata Power Solutions Inc.

Back Button CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 11Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 12Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 13Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 14Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 15Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 16Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.E01 Page 12 of 17
www.murata.com
PACKAGE SPECIFICATIONS
11.53±0.2 [0.454±0.008]
10.00±0.25 [0.394±0.010]
4.10±0.5 [0.161±0.020]
(1.13 [0.044])
(2.21 [0.087])
6.10 +0.15
-0.20
[0.240+0.006
-0.008
]
2.54 [0.100]
0.50±0.05 [0.020±0.002]
0.25±0.05 [0 .010±0.002]
12
3
4
S
CRE1S
XXXXSC
XYYWW
All dimensions in mm (inches) Controlling dimension is mm.
All pins on a 2.54 (0.100) pitch and within ±0.1 (0.004) of true position from pin 1 at seating plane ‘S’ (SC&3C)
All pins on a 2.54 (0.100) pitch and within ±0.25 (0.010) of true position (DC)
Weight: 1.09g (3C) 1.30g (SC) 1.38g (DC)
DC Package
PIN CONNECTIONS DC - 8 PIN DIP
Pin
Function
1-VIN
4+VIN
5+VOUT
7-VOUT
SC Package
PIN CONNECTIONS SC & 3C - 4 PIN SIP
Pin
Function
1-VIN
2+VIN
3-VOUT
4+VOUT
CRE1S
0505DC
XYYWW
11.53±0.2 [0.454±0.008]
7.46±0.25 [0.294±0.010]
4.10±0.5 [0.161±0.020]
(1.13 [0.044])
(1.95 [0.077])
6.10 +0.15
-0.25
[0.240+0.006
-0.010
]
2.54 [0.100]
0.50±0.05 [0.020±0.002]
0.25±0.05 [0.010±0.002]
1234
S
CRE1S
XXXXS3C
XYYWW
3C Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com