Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB646_0607 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT90USB646_0607
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646_0607 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT90USB646_0607 Datasheet HTML 18Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 19Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 20Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 21Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 22Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 23Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 24Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 25Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 435 page
background image
22
7593D–AVR–07/06
AT90USB64/128
Figure 5-2.
Data Memory Map
5.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clk
CPU cycles as described in Figure 5-3.
32 R
egisters
64 I/O
R
egisters
I
nternal S RAM
(8192
x 8)
$0000 - $001F
$0020 - $005F
$FFFF
$0060 - $00FF
D
ata Memory
E
xternal S RAM
(0 - 64K
x 8)
160 E
xt I/O
R
eg.
XMem start
ISRAM end
ISRAM start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com