Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB646_0607 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT90USB646_0607
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646_0607 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90USB646_0607 Datasheet HTML 28Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 29Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 30Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 31Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 32Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 33Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 34Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 35Page - ATMEL Corporation AT90USB646_0607 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 435 page
background image
32
7593D–AVR–07/06
AT90USB64/128
5.5.4
Pull-up and Bus-keeper
The pull-ups on the AD7:0 ports may be activated if the corresponding Port register is written to
one. To reduce power consumption in sleep mode, it is recommended to disable the pull-ups by
writing the Port register to zero before entering sleep.
The XMEM interface also provides a bus-keeper on the AD7:0 lines. The bus-keeper can be dis-
abled and enabled in software as described in “External Memory Control Register B – XMCRB”
on page 35. When enabled, the bus-keeper will keep the previous value on the AD7:0 bus while
these lines are tri-stated by the XMEM interface.
5.5.5
Timing
External Memory devices have different timing requirements. To meet these requirements, the
XMEM interface provides four different wait-states as shown in Table 5-5. It is important to con-
sider the timing specification of the External Memory device before selecting the wait-state. The
most important parameters are the access time for the external memory compared to the set-up
requirement. The access time for the External Memory is defined to be the time from receiving
the chip select/address until the data of this address actually is driven on the bus. The access
time cannot exceed the time from the ALE pulse must be asserted low until data is stable during
a read sequence (See t
LLRL+ tRLRH - tDVRH in Tables 30-6 through Tables 30-13 on pages 408 -
411). The different wait-states are set up in software. As an additional feature, it is possible to
divide the external memory space in two sectors with individual wait-state settings. This makes it
possible to connect two different memory devices with different timing requirements to the same
XMEM interface. For XMEM interface timing details, please refer to Tables 30-6 through Tables
30-13 and Figure 30-7 to Figure 30-10 in the “External Data Memory Timing” on page 408.
Note that the XMEM interface is asynchronous and that the waveforms in the following figures
are related to the internal system clock. The skew between the internal and external clock
(XTAL1) is not guarantied (varies between devices temperature, and supply voltage). Conse-
quently, the XMEM interface is not suited for synchronous operation.
Figure 5-6.
External Data Memory Cycles without Wait-state (SRWn1=0 and SRWn0=0)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper sector) or
SRW00 (lower sector). The ALE pulse in period T4 is only present if the next instruction
accesses the RAM (internal or external).
ALE
T1
T2
T3
WR
T4
A15:8
Address
Prev. addr.
DA7:0
Address
Data
Prev. data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. data
Address
Data
Prev. data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com