Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8812 Datasheet HTML 9Page - NXP Semiconductors PCF8812 Datasheet HTML 10Page - NXP Semiconductors PCF8812 Datasheet HTML 11Page - NXP Semiconductors PCF8812 Datasheet HTML 12Page - NXP Semiconductors PCF8812 Datasheet HTML 13Page - NXP Semiconductors PCF8812 Datasheet HTML 14Page - NXP Semiconductors PCF8812 Datasheet HTML 15Page - NXP Semiconductors PCF8812 Datasheet HTML 16Page - NXP Semiconductors PCF8812 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2000 Nov 22
13
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
Table 1
Instruction set
INSTRUCTION
D/C
COMMAND BYTE
DESCRIPTION
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(H=0or1)
NOP
000000000
no operation
Function set
000100
PD
V
H
power-down control; entry
mode; extended instruction
set control (H)
Write data
1
D7
D6
D5
D4
D3
D2
D1
D0
writes data to display RAM
(H=0)
Reserved
0000001
X
X
do not use
Display control
000001
D
0
E
sets display configuration
Set higher or lower
programming
range Vop
00001000
PRS VLCD programming range
select
Set Y address of RAM
00100
Y3
Y2
Y1
Y0
sets Y address of RAM;
0
≤ Y ≤ 8
Set X address of RAM
0
1
X6
X5
X4
X3
X2
X1
X0
sets X address part of RAM;
0
≤ X ≤ 101
(H=1)
Reserved
000000001
do not use
Reserved
00000001
X
do not use
Temperature control
0000001
TC1
TC0
set temperature coefficient
(TCx)
HV-gen stages
0000010
S1
S0
# of HV-gen voltage
multiplication
Bias system
000010
BS2
BS1
BS0
set bias system (BSx)
Reserved
0
0
1
XXXXXX
do not use (reserved for test)
Set Vop
01
VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 write VOP to register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com