Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC150 Datasheet(PDF) 2 Page - Advanced Energy Industries, Inc.

Part # IRC150
Description  MIKRON IRC 35 TO IRC 150
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

IRC150 Datasheet(HTML) 2 Page - Advanced Energy Industries, Inc.

  IRC150 Datasheet HTML 1Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 2Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 3Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
advancedenergy.com
MIKRON IRC 45 TO IRC 150
Measurement Specifications
Fixed Temperature
(dependent on type)
35°C (95°F), 45°C (113°F), 70°C (158°F), 75°C (167°F), 95°C (203°F), 100°C (212°F), 110°C (230°F), 120°C
(248°F), 140°C (284°F), or 150°C (302°F)
Temperature Uncertainty
IRC 35
0.4°C for TU = 10 to 30°C
IRC 45 to IRC 120
0.4°C for TU = 10 to 40°C
0.6°C for TU = 0 to 10°C
IRC 140 to IRC 150
0.5°C for TU = 10 to 40°C
0.7°C for TU = 0 to 10°C
Stability
0.1°C
Temperature Uniformity
0.2°C (central area Ø 45 mm)
Emissivity ε
0.98 ±0.004 (for λ = 2 to 5.4 µm λ = 8 to 14 µm)
Aperture Diameter
50.8 mm (2")
Repeatability
0.2°C
Warm-up Time
max 5 (IRC 35) to 30 min (IRC 150)
Environmental and Electrical Specifications
Operating Temperature
IRC 35
0 to 30°C (32 to 86°F)
IRC 45 to IRC 150
0 to 40°C (32 to 104°F), temporary (2 min) up to 70°C (158°F)
Storage Temperature
0 to 70°C (32 to 158°F)
Relative Humidity
10 to 85%, non-condensing conditions
Status LED:
Green: warm-up
Orange: ready for operation
Red: overheating
Protection Class
IP50 (EN 60529)
Dimensions (Ø x D x H)
64.5 mm x 81.0 mm x 133.5 mm (~2.54" x 3.19" x 5.26")
Weight
0.85 kg (~1.88 lbs)
Power Supply
24 V DC, max 1 A
CE Certified
According to EU directives about electromagnetic immunity
TECHNICAL DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com