Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC150 Datasheet(PDF) 1 Page - Advanced Energy Industries, Inc.

Part # IRC150
Description  MIKRON IRC 35 TO IRC 150
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

IRC150 Datasheet(HTML) 1 Page - Advanced Energy Industries, Inc.

  IRC150 Datasheet HTML 1Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 2Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 3Page - Advanced Energy Industries, Inc. IRC150 Datasheet HTML 4Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2020 Advanced Energy Industries, Inc.
The Mikron® calibration sources of type IRC 35 to IRC 150 are
instruments for inspection of the measurement accuracy of
pyrometers (radiation thermometers) at a fixed temperature
value. The highly accurate control ensures a constant and
stable heating of the large emitter surface with a high
temperature uniformity with a maximum deviation of 0.2°C.
The robust stainless steel design guarantees the operation
even under rough industrial environments. The compact
dimensions also allows for verifying fixed installed pyrometers
at the measuring location.
PRODUCT HIGHLIGHTS
Ten different types for fixed adjusted temperatures of 35°C , 45°C, 70°C, 75°C,
95°C, 100°C, 110°C, 120°C, 140°C, or 150°C
High emissivity: 98%
Large aperture diameter: 50.8 mm (2")
Short warm-up time
High temperature stability
Small dimensions
Stainless steel housing
TYPICAL APPLICATIONS
Single point temperature calibrations of point IR pyrometers
Fixed mount and portable pyrometer calibration verification
=
MIKRON IRC35TOIRC150
Calibration source with a single fixed temperature
for inspection of pyrometers. Temperatures
ranging from 35 to 150°C (95 to 302°F).
Fixed Temperatures
35°C, 45°C, 70°C, 75°C, 95°C,
100°C, 110°C, 120°C, 140°C, or
150°C
Measurement Uncertainty
IRC 35
0.4°C for TU = 10 to 30°C
IRC 45 to IRC 120
0.4°C for TU = 10 to 40°C
0.6°C for TU = 0 to 10°C
IRC 140 to IRC 150
0.5°C for TU = 10 to 40°C
0.7°C for TU = 0 to 10°C
Emissivity
0.98 ±0.004 (for λ = 2 to 5.4 µm
λ = 8 to 14 µm)
Aperture Diameter
50.8 mm (2")
Warm-up Time
max. 5 (IRC 35) to 30 min (IRC 150)
AT A GLANCE


Similar Part No. - IRC150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRC150 ETC-IRC150 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
More results

Similar Description - IRC150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW35N15E MOTOROLA-MTW35N15E Datasheet
169Kb / 8P
TMOS POWER FET 35 AMPERES 150 VOLTS RDS(on) = 0.05 OHM
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
logo
International Rectifier
100JB IRF-100JB Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
logo
RFE international
KBPC35005 RFE-KBPC35005 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Micro Commercial Compon...
2N3501 MCC-2N3501 Datasheet
302Kb / 3P
150 Volts 500mAmps TO-39 Package
logo
XP Power Limited
MTC XPPOWER-MTC Datasheet
200Kb / 4P
35150 Watts Series
logo
Teledyne Technologies I...
AC085 TELEDYNE-AC085 Datasheet
136Kb / 1P
1 TO 150 MHz TO-8 CASCADABLE AMPLIFIER
logo
Kemet Corporation
EXV157M035A9PAA KEMET-EXV157M035A9PAA Datasheet
75Kb / 1P
Aluminum Electrolytic, 105C LowZ, EXV, 150 uF, 20%, 35 V, -55/105C
logo
TRACO Electronic AG
TBL TRACOPOWER-TBL Datasheet
303Kb / 3P
TBL Series, 15 to 150 Watt
Rev. April 4, 2022
logo
Microsemi Corporation
1N7039CCU1 MICROSEMI-1N7039CCU1 Datasheet
485Kb / 5P
Silicon Dual Schottky Power Rectifier 35 Amp, 150 Volt
Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com