Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663 Datasheet(PDF) 1 Page - Heyco.

Part # 1663
Description  Thin Panel Dome Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

1663 Datasheet(HTML) 1 Page - Heyco.

  1663 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-28
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
B
A
MULTIPLE FINGER STEPS
FOR TIGHT PANEL FIT
Material
Nylon 6/6
Certifications
Recognized under the Component Program of Underwriters’ Laboratories,
File E51579
Certified by Canadian Standards Association, File 8919
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 221°F (105°C)
Heyco® Thin Panel Dome Plugs
Multiple Locking Steps for Panels as Thin as .020˝ (0,5 mm)
Mounting Hole Diameter Range: .218˝ (5,5 mm) to .875˝ (22,2 mm)*
• Provide a flush, finished fit in panels
as thin as .020˝ (0,5 mm).
• Quick and easy installation.
• Multiple sizes for mounting holes
from .218˝ (5,5 mm) to
.875˝ (22,2 mm).
• Consult Heyco for other Thin Panel
Mounting Hole Diameters.
• Lock firmly in panels up to .064˝
(1,6 mm) thick.
PANEL DIMENSIONS
PART NO.
DESCRIPTION
PART DIMENSIONS
Thickness at Locking
Mounting Hole
AB
Finger Steps
Diameter*
Black
White
Head Diameter
Overall Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Three Steps to .048˝ (1,2 mm) thick
.218
5,5
1654N
1655N
SP 218N
.28
7,1
.020
0,5
.250
6,4
2607N
2608N
SP 250N
.31
7,9
.032
0,8
.281
7,1
1660N
1661N
SP 281N
.34
8,7
.25
6,4
.048
1,2
.312
7,9
1678N
1679N
SP 312N
.38
9,5
.343
8,7
1663N
1664N
SP 343N
.41
10,3
.375
9,5
1681N
1682N
SP 375N
.47
11,9
Five Steps to .064˝ (1,6 mm) thick
.020
0,5
.500
12,7
1687N
1688N
SP 500N
.56
14,3
.032
0,8
.512
13,0
1716N
1717N
SP 512N
.040
1,0
.625
15,9
1690N
1691N
SP 625N
.72
18,3
.25
6,4
.048
1,2
.750
19,1
1693N
1694N
SP 750N
.94
23,8
.064
1,6
.875
22,2
1699N
1700N
SP 875N
.97
24,6
Standard color black. Consult Heyco for other colors.
*Consult Heyco for other Mounting Hole Diameters. Our Axcell Rapid Response Team is ready to meet your requirements.
Heyco® Thin Panel versus Shorty Plugs
Choose from Multiple Locking Steps, for the Fit and Finish Your
Application Requires
PANEL DIMENSIONS
PART NO.
DESCRIPTION
Mounting
Maximum Thickness Locking Steps
Hole Diameter
inches/millimeters
Black
White
.020
.032
.040
.048
.064
in.
mm.
0,5
0,8
1,0
1,2
1,6
.218
5,5
xx
x
1654N
1655N
SP 218N
x
1654
1655
SP 218
.250
6,4
xx
x
2607N
2608N
SP 250N
.281
7,1
xx
x
1660N
1661N
SP 281N
x
1660
1661
SP 281
.312
7,9
xx
x
1678N
1679N
SP 312N
x
1678
1679
SP 312
.343
8,7
xx
x
1663N
1664N
SP 343N
x
1663
1664
SP 343
.375
9,5
xx
x
1681N
1682N
SP 375N
x
1681
1682
SP 375
.500
12,7
xx
x
x
x
1687N
1688N
SP 500N
x
1687
1688
SP 500
.625
12,7
xx
x
x
x
1690N
1691N
SP 625N
x
1690
1691
SP 625
.750
19,1
xx
x
x
x
1693N
1694N
SP 750N
x
1693
1694
SP 750
.875
22,2
xx
x
x
x
1699N
1700N
SP 875N
x
1699
1700
SP 875


Similar Part No. - 1663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1663 ETC2-1663 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
3M Electronics
1663 3M-1663 Datasheet
96Kb / 2P
3M Medical Specialties
20-Dec-2001
logo
Heyco.
1663 HEYCO-1663 Datasheet
112Kb / 1P
Shorty Plugs
logo
Adafruit Industries
1663 ADAFRUIT-1663 Datasheet
173Kb / 2P
3-pin JST SM Plug Receptacle Cable Set
logo
Keystone Electronics Co...
1663 KEYSTONE-1663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 1663

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0959 BULGIN-PX0959 Datasheet
61Kb / 1P
Panel Mount Plugs
logo
P-tec Corporation
PL00131-WCG10 P-TEC-PL00131-WCG10 Datasheet
32Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.6mm
PL00131-WCR08 P-TEC-PL00131-WCR08 Datasheet
32Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.6mm
PL00131-WCR31 P-TEC-PL00131-WCR31 Datasheet
32Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.6mm
PL00131-YDW03 P-TEC-PL00131-YDW03 Datasheet
31Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.6mm
PL00133-WCA03 P-TEC-PL00133-WCA03 Datasheet
31Kb / 1P
Dome lens thin package 1.6 x 0.8 x 0.4mm
PL00193-WCGR1718 P-TEC-PL00193-WCGR1718 Datasheet
125Kb / 1P
Dome lens thin package 3.2 x 1.0 x 1.5mm
PL00193-WCGY1706 P-TEC-PL00193-WCGY1706 Datasheet
121Kb / 1P
Dome lens thin package 3.2 x 1.0 x 1.5mm
PL00193-WCRG0817 P-TEC-PL00193-WCRG0817 Datasheet
120Kb / 1P
Dome lens thin package 3.2 x 1.0 x 1.5mm
PL00193-WCRG1817 P-TEC-PL00193-WCRG1817 Datasheet
120Kb / 1P
Dome lens thin package 3.2 x 1.0 x 1.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com