Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820U Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8820U
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820U Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8820U Datasheet HTML 9Page - NXP Semiconductors PCF8820U Datasheet HTML 10Page - NXP Semiconductors PCF8820U Datasheet HTML 11Page - NXP Semiconductors PCF8820U Datasheet HTML 12Page - NXP Semiconductors PCF8820U Datasheet HTML 13Page - NXP Semiconductors PCF8820U Datasheet HTML 14Page - NXP Semiconductors PCF8820U Datasheet HTML 15Page - NXP Semiconductors PCF8820U Datasheet HTML 16Page - NXP Semiconductors PCF8820U Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
2000 Dec 07
13
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
7.17
DDRAM addressing
Data is written in 8-bit bytes into the display data RAM
matrix of the PCF8820 (see Figs 6 to 8). The display data
RAM comprises a matrix of 67
× 101 × 2 bits. The columns
are addressed by the address pointer. The address ranges
are: X = 0 to 100 (64H) and Y=0to16 (10H). It should be
noted that only 3 rows are addressed in bank 16.
Addresses outside these ranges are not allowed.
Bit MX (see Table 3) enables or disables horizontal
address space mirroring:
• When bit MX = 0, mirroring is disabled. The address
corresponds to Col0 (see Fig.7).
• When bit MX = 1, mirroring is enabled and address
X = 0 corresponds to Col0 (see Fig.8). Bit MX
determines how data is written to the RAM. If bit MX is
changed after writing data to the RAM, no change on the
display will be visible.
handbook, full pagewidth
MGT119
0
100
X address
Col0
LSB
MSB
0
16
Y address
Fig.7 RAM X-address format for mirroring disabled.
handbook, full pagewidth
MGT120
X address
Col0
LSB
MSB
0
16
Y address
100
0
Fig.8 RAM X-address format for mirroring enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com