Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8820U Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8820U
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820U Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8820U Datasheet HTML 17Page - NXP Semiconductors PCF8820U Datasheet HTML 18Page - NXP Semiconductors PCF8820U Datasheet HTML 19Page - NXP Semiconductors PCF8820U Datasheet HTML 20Page - NXP Semiconductors PCF8820U Datasheet HTML 21Page - NXP Semiconductors PCF8820U Datasheet HTML 22Page - NXP Semiconductors PCF8820U Datasheet HTML 23Page - NXP Semiconductors PCF8820U Datasheet HTML 24Page - NXP Semiconductors PCF8820U Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
2000 Dec 07
21
Philips Semiconductors
Product specification
67
× 101 Grey-scale/ECB colour dot matrix
LCD driver
PCF8820
8.1
Description of the bit functions
Table 3
Instruction set bit functions
BIT
RESET
STATE
VALUE
FUNCTION
D7 to D0
−−
data to be written to DDRAM
TR7 to TR0
−−
read-out value of sensor temperature
H2 to H0
command page numbers
000
000
function and RAM
001
display setting
010
high voltage generator setting
011
grey-scale/colour
100
special features
DO
data order when written to DDRAM
0
0
normal (see Fig.6)
1
swapped: DB7 <-> DB0, DB6 <-> DB1, etc.
PD
operation mode
0
operating mode
1
1
Power-down mode; see Section 8.1.1
V
address mode
0
0
horizontal address mode: data is written to DDRAM (see Fig.10)
1
vertical address mode: data is written to DDRAM (see Fig.9)
Y4 to Y0
0
−
Y-address of the DDRAM points to the rows; the address range is from
0 to 16 (10H); see Section 8.1.3
X6 to X0
0
−
X-address of the DDRAM points to the columns; the address range is from
0 to 100 (64H)
D, E
display mode
00
00
display blank: using the value in grey-scale register 0
01
all display segments on: using the value in grey-scale register 3
10
normal mode: using the values of the four grey-scale registers appropriate to the
RAM data
11
inverse video: using the values in all four grey-scale registers as in normal mode
but with their values swapped (GS0 and GS3 values transposed, GS1 and GS2
values transposed)
MX
horizontal address space mirroring; see Figs 7 and 8; see Table 10
0
0
disabled: data to DDRAM is written from left (X = 0) to right (X = 100)
1
enabled: data to DDRAM is written from right (X = 0) to left (X = 100)
MY
vertical address space mirroring; see Table 10
0
0
disabled: normal display
1
enabled: data is immediately mirrored vertically on the LCD. The status of bit MY
takes effect when data is read from the DDRAM and when generating column
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com