Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663 Datasheet(PDF) 1 Page - Heyco.

Part # 1663
Description  Shorty Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

1663 Datasheet(HTML) 1 Page - Heyco.

  1663 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-27
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
B
A
Heyco® Shorty Plugs
Single Locking Step for Panel Thickness up to: .062˝ (1,6 mm)
Mounting Hole Diameter Range: .187˝ (4,7 mm) to 1.093˝ (27,8 mm)
• Limited intrusion .125˝ (3,2 mm)
inside the panel.
• Quick and easy installation.
• Multiple sizes for mounting
holes from .187˝ (4,7 mm) to
1.093˝ (27,8 mm).
• Approximate Head Thickness:
.062˝ (1,6 mm).
• For Shorty Window Plugs see
page 6-36.
Material
Nylon 6/6
Certifications
Recognized under the Component Program of Underwriters’ Laboratories
File E51579
Certified by the Canadian Standards Association File 8919
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 221°F (105°C)
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
DIAMETER
Black
White
Colors
Head Diameter
Overall Height
in.
mm.
xx*
in.
mm.
in.
mm.
.187
4,7
2590
2591
2592xx
DP 187
.25
6,4
.23
5,9
.218
5,5
1654
1655
1656xx
SP 218
.28
7,1
.281
7,1
1660
1661
1662xx
SP 281
.34
8,7
.307
7,8
1657
1658
1659xx
SP 307
.37
9,4
.312
7,9
1678
1679
1680xx
SP 312
.38
9,5
.343
8,7
1663
1664
1665xx
SP 343
.41
10,3
.375
9,5
1681
1682
1683xx
SP 375
.390
9,9
1708
1709
1710xx
SP 390
.47
11,9
.406
10,3
1666
1667
1668xx
SP 406
.437
11,1
1684
1685
1686xx
SP 437
.53
13,5
.468
11,9
1669
1670
1671xx
SP 468
.25
6,4
.500
12,7
1687
1688
1689xx
SP 500
.56
14,3
.531
13,5
1672
1673
1674xx
SP 531
.59
15,1
.593
15,1
1675
1676
1677xx
SP 593
.69
17,5
.625
15,9
1690
1691
1692xx
SP 625
.72
18,3
.687
17,4
1719
1720
1721xx
SP 687
.79
20,1
.750
19,0
1693
1694
1695xx
SP 750
.84
21,4
.781
19,8
1696
1697
1698xx
SP 781
.89
22,6
.875
22,2
1699
1700
1701xx
SP 875
.97
24,6
1.000
25,4
1702
1703
1704xx
SP 1000
1.20
30,5
1.093
27,8
1705
1706
1707xx
SP 1093
1.22
31,0
Standard colors black or white. Consult Heyco for other colors (see below).
Convex, glossy finish head.
*xx indicates that, following the color match process, Heyco adds a two letter suffix to the Root Part No. shown.
This suffix will identify your particular CUSTOM Color selection. Consult Heyco for molded nylon color chips
for accurate matching. For details as well as information regarding our Stock Colors, see page 6-53.


Similar Part No. - 1663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1663 ETC2-1663 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
3M Electronics
1663 3M-1663 Datasheet
96Kb / 2P
3M횚 Medical Specialties
logo
Heyco.
1663 HEYCO-1663 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
logo
Adafruit Industries
1663 ADAFRUIT-1663 Datasheet
173Kb / 2P
3-pin JST SM Plug Receptacle Cable Set
logo
Keystone Electronics Co...
1663 KEYSTONE-1663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 1663

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Amphenol Corporation
031-2367 AMPHENOL-031-2367 Datasheet
706Kb / 1P
TNC Plugs
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
Modular Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com