Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1653
Description  300 W 80 PLUS ATX Reference Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1653_06 Datasheet HTML 1Page - ON Semiconductor NCP1653_06 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production Ready 80 PLUS Reference Design
Achieves >80% efficiency with room to spare
Production ready design accelerates time-to-market
Advanced architecture is at cost parity or lower
compared to other topologies for similar efficiencies
Meets IEC1000-3-2 requirements
•
•
•
•
80 PLUS is a registered trademark of Ecos Consulting.
GreenPoint is a trademark of SCILLC. © Copyright, 2006.
BRD8049/D
Rev. 2, Oct-2006
300 W 80 PLUS® ATX Reference Design
A High-Efficiency GreenPoint™ Solution from ON Semiconductor


Similar Part No. - NCP1653_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
More results

Similar Description - NCP1653_06

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
558Kb / 15P
2 x 15 W Digital Power Stage Reference Design
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
2 x 15 W Digital Amplifier Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
Cirrus Logic
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
Stereo 100 W PWM Amplifier Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
Cirrus Logic
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
1 x 1.7 W CS35L01 Amplifier Reference Design Kit
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com