Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1653
Description  300 W 80 PLUS ATX Reference Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1653_06 Datasheet HTML 1Page - ON Semiconductor NCP1653_06 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NCP1653 – Compact PFC Controller is the ideal solution for continuous mode (CCM) PFC applications such as
ATX Power Supplies. This device enables the inclusion of a PFC front-end into an ATX power supply by simplifying
the design through integration (reduces part count) and providing a robust, cost effective front-end without
range switches.
NCP1562 – Active Clamp Controller is a highly integrated controller for the main stage (SMPS section) of
the ATX Power Supply. It can be used in applications with or without the PFC front-end. Thanks to its integrated
drivers, soft-switching, and accurate duty-cycle control amongst other unique features (such as soft-stop), the
NCP1562 significantly enhances the efficiency and ruggedness of the power stage without additional cost.
NCP1027 – Standby Controller is optimized for the standby/bias converter section of the ATX Power Supply. Its
highly integrated features and the integrated HV FET on the silicon makes it an ideal and cost-effective option.
The NCP1027 can deliver 15 W of standby power at high efficiency across the entire line conditions (85 V to
265 V AC).
NCP4330 – Post Regulator is a synchronous and more efficient post-regulator that replaces the Mag-Amp
solution for generating multiple-outputs in an ATX Power Supply. The NCP4330 can also lower the cost of the
overall solution while enabling this higher efficiency and makes it an ideal solution for achieving higher than
80% efficiencies.
300 W 80 PLUS® ATX Reference Design
A High-Efficiency GreenPointSolution from ON Semiconductor
70%
80%
85%
90%
20%
50%
Loading (% of Rated Output Power)
Efficiency of the Power Supply
100%
230 Vac
115 Vac
The ON logo is a registered trademark of SCILLC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com