Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2002M
Description  0-300 MHz I2C 1:10 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002M Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2002M Datasheet HTML 1Page - NXP Semiconductors PCK2002M Datasheet HTML 2Page - NXP Semiconductors PCK2002M Datasheet HTML 3Page - NXP Semiconductors PCK2002M Datasheet HTML 4Page - NXP Semiconductors PCK2002M Datasheet HTML 5Page - NXP Semiconductors PCK2002M Datasheet HTML 6Page - NXP Semiconductors PCK2002M Datasheet HTML 7Page - NXP Semiconductors PCK2002M Datasheet HTML 8Page - NXP Semiconductors PCK2002M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
PCK2002M
0–300 MHz I2C 1:10 clock buffer
2001 Jul 19
5
AC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
TYP7
MAX
TSDRISE
SDRAM rise time
2, 4
1.5
2.0
4.0
V/ns
TSDFALL
SDRAM fall time
2, 4
1.5
2.9
4.0
V/ns
TPLH
SDRAM buffer LH propagation delay
4, 5
1.2
2.7
3.5
ns
TPHL
SDRAM buffer HL propagation delay
4, 5
1.2
2.7
3.5
ns
TPZL, TPZH
SDRAM buffer enable time
4, 5
1.0
2.6
5.0
ns
TPLZ, TPHZ
SDRAM buffer disable time
4, 5
1.0
2.7
5.0
ns
DUTY CYCLE
Output Duty Cycle
Measured at 1.5 V
3, 4, 5
45
52
55
%
TSDSKW
SDRAM Bus CLK skew
1, 4
—
150
250
ps
TDDSKW
Device to device skew
—
—
500
ps
NOTES:
1. Skew is measured on the rising edge at 1.5 V.
2. TSDRISE and TSDFALL are measured as a transition through the threshold region VOL = 0.4 V and VOH = 2.4 V (1 mA) JEDEC specification.
3. Duty cycle should be tested with a 50/50% input.
4. Over MIN (20 pF) to MAX (30 pF) discrete load, process, voltage, and temperature.
5. Input edge rate for these tests must be faster than 1 V/ns.
6. Calculated at minimum edge rate (1.5 ns) to guarantee 45/55% duty cycle at 1.5 V. Pulsewidth is required to be wider at the faster edge to
ensure duty cycle specification is met.
7. All typical values are at VCC = 3.3 V and Tamb = 25 °C.
8. Typical is measured with MAX (30 pF) discrete load.
9. Typical is measured with MIN (20 pF) discrete load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com