Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2002M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2002M
Description  0-300 MHz I2C 1:10 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002M Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2002M Datasheet HTML 1Page - NXP Semiconductors PCK2002M Datasheet HTML 2Page - NXP Semiconductors PCK2002M Datasheet HTML 3Page - NXP Semiconductors PCK2002M Datasheet HTML 4Page - NXP Semiconductors PCK2002M Datasheet HTML 5Page - NXP Semiconductors PCK2002M Datasheet HTML 6Page - NXP Semiconductors PCK2002M Datasheet HTML 7Page - NXP Semiconductors PCK2002M Datasheet HTML 8Page - NXP Semiconductors PCK2002M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
PCK2002M
0–300 MHz I2C 1:10 clock buffer
2
2001 Jul 19
853-2268 26745
FEATURES
• HIGH speed, LOW noise non-inverting 1:10 buffer
• Mobile (reduced pincount) version of PCK2002
• Typically used to support two SDRAM DIMMs
• 28-pin SSOP and TSSOP packages
• See PCK2002 for 48-pin 1-18 buffer part supporting up to
4 SDRAM DIMMs
• Optimized for 66 MHz, 100 MHz and 133 MHz operation
• Multiple V
DD and VSS pins for noise reduction
• Spread spectrum compliant
• 175 ps skew outputs
• Individual clock output enable/disable via I2C
DESCRIPTION
The PCK2002M is a 1–10 fanout buffer used for 133/100 MHz CPU,
66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM
clock distribution. 10 outputs are typically used to support up to
2 SDRAM DIMMs commonly found in laptop or mobile applications.
The PCK2002M has the same features and operating characteristics
of the PCK2002 and is available in the SSOP 28 pin package.
All clock outputs meet Intel’s drive, rise/fall time, accuracy, and skew
requirements. An I2C interface is included to allow each output to be
enabled/disabled individually. An output disabled via the I2C
interface will be held in the LOW state. In addition, there is an OE
input which 3-states all outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
BUF_IN to BUF_OUTn
VCC = 3.3 V, CL = 30 pF
2.7
2.9
ns
tr
Rise time
VCC = 3.3 V, CL = 30 pF
1.1
ns
tf
Fall time
VCC = 3.3 V, CL = 30 pF
1.0
ns
ICC
Total supply current
VCC = 3.465 V
35
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
28-Pin Plastic SSOP
0 to +70
°C
PCK2002MDB
SOT341–1
28-Pin Plastic TSSOP
0 to +70
°C
PCK2002MPW
SOT361–1
PIN CONFIGURATION
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
BUF_OUT1
VSS0
VDD1
BUF_OUT2
BUF_OUT3
VSS1
BUF_IN
VDD4
BUF_OUT16
BUF_OUT17
VSS4
VDD5
OE
VSS8
BUF_OUT12
BUF_OUT13
VDD8
VSS9
BUF_OUT14
VSS5
13
16
VDDI2C
VSSI2C
14
15
SDA
SCL
TOP VIEW
1
227
28
VDD0
BUF_OUT0
BUF_OUT15
VDD9
SA00550
Intel and Pentium are registered trademarks of Intel Corporation.
I2C is a trademark of Philips Semiconductors Corporation.
PIN DESCRIPTION
PIN
NUMBER
I/O
TYPE
SYMBOL
FUNCTION
2, 3, 6, 7
Output
BUF_OUT
(0–3)
Buffered clock outputs
22, 23, 26,
27
Output
BUF_OUT
(12–15)
Buffered clock outputs
11, 18
Output
BUF_OUT
(16–17)
Buffered clock outputs
9
Input
BUF_IN
Buffered clock input
20
Input
OE
Active high output
enable
14
I/O
SDA
I2C serial data
15
Input
SCL
I2C serial clock
1, 5, 10,
19, 24, 28
Input
VDD (0,1,4,5,8,9)
3.3 V power supply
4, 8, 12,
17, 21, 25
Input
VSS (0,1,4,5,8,9)
Ground
13
Input
VDDI2C
3.3 V I2C power supply
16
Input
VDDI2C
I2C ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com