Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEF.080 Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # MEF.080
Description  8.35Ø x 7.7 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

MEF.080 Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  MEF.080 Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature Fuse | 47
Electrical Characteristics
Ampere
Rating
Opening Time
1.5 ln
2.1 ln
2.75 ln
4 ln
10 In
MIN
MAX
MIN
MAX
MIN
MAX
MAX
50mA - 5A
60 min 30 min 10 ms
3 sec
3 ms
300 ms 20 ms
6.3A
60 min 30 min 50 ms 10 sec
5 ms
400 ms 20 ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
MEF .050
50mA
250V
5.4500
850
0.003000
MEF .063
63mA
2.8020
750
0.001429
MEF .080
80mA
1.7100
650
0.007258
MEF .100
100mA
1.1600
600
0.009000
MEF .125
125mA
1.0002
550
0.012566
MEF .160
160mA
0.8290
500
0.023040
MEF .200
200mA
0.5200
480
0.032400
MEF .250
250mA
0.7007
440
0.081563
MEF .315
315mA
0.3820
400
0.093768
MEF .400
400mA
0.3006
370
0.129600
MEF .500
500mA
0.2471
350
0.303750
MEF .630
630mA
0.1460
320
0.375071
MEF .800
800mA
0.1040
300
0.691200
MEF 001
1A
0.0800
280
0.720000
MEF 1.25
1.25A
0.0581
280
1.125000
MEF 1.60
1.6A
0.0406
250
3.225600
MEF 002
2A
0.0330
240
3.600000
MEF 2.50
2.5A
0.0229
200
7.031250
MEF 3.15
3.15A
0.0179
180
8.037225
MEF 004
4A
0.0133
160
19.40000
MEF 005
5A
0.0109
150
21.37500
MEF 6.30
6.3A
0.0087
130
42.86520
Fast-Acting Fuse
MEF
8.35Ø x 7.7 mm
Agency Approvals
Agency
Ampere Rating
UL Recognized
50mA - 6.3A
VDE
50mA - 6.3A
CSA Acceptance
50mA - 6.3A
PSE
1A - 6.3A
CCC
50mA - 6.3A
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Base and Cover: Black
thermoplastic, UL 94-V0
Round Pins: Tin Plated
Copper
Packaging
Packaging Option
Quantity
In Bulk
1,000 pcs / box
On Tape
1,000 pcs / box
Interrupting Rating
35 amperes or 10 x rated current; whichever is
greater at 250V AC.
Mechanical Dimensions (mm)
Ø8.35±0.2
Short Leads
5.08±0.2
Ø0.62±0.1
Long Leads
MEF


Similar Part No. - MEF.080

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MEF DBLECTRO-MEF Datasheet
716Kb / 1P
Metalized Polyester Capacitor
logo
Murata Power Solutions ...
MEF1 MURATA-PS-MEF1 Datasheet
228Kb / 9P
Isolated 1W Regulated Single Output DC-DC Converters
2022
MEF1S0303SP3C MURATA-PS-MEF1S0303SP3C Datasheet
228Kb / 9P
Isolated 1W Regulated Single Output DC-DC Converters
2022
MEF1S0303SPC MURATA-PS-MEF1S0303SPC Datasheet
228Kb / 9P
Isolated 1W Regulated Single Output DC-DC Converters
2022
MEF1S0305SP3C MURATA-PS-MEF1S0305SP3C Datasheet
228Kb / 9P
Isolated 1W Regulated Single Output DC-DC Converters
2022
More results

Similar Description - MEF.080

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC39V7785A MITSUBISHI-MGFC39V7785A Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC40V7785 MITSUBISHI-MGFC40V7785 Datasheet
82Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785A MITSUBISHI-MGFC40V7785A Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785B MITSUBISHI-MGFC40V7785B Datasheet
101Kb / 2P
7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC42V7785A MITSUBISHI-MGFC42V7785A Datasheet
104Kb / 2P
7.7- 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
logo
Allegro MicroSystems
8178 ALLEGRO-8178 Datasheet
49Kb / 4P
LOW-DROPOUT, 7.7 V PREREGULATOR
April 5, 1996
logo
Mitsubishi Electric Sem...
MGFC36V7785A MITSUBISHI-MGFC36V7785A_04 Datasheet
184Kb / 2P
7.7 ~ 8.5GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC42V7785A MITSUBISHI-MGFC42V7785A_04 Datasheet
210Kb / 2P
7.7 ~ 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com