Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191 Datasheet(PDF) 5 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191 Datasheet(HTML) 5 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8191 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
 典型参数特征
(测试条件:如无特殊说明,T
A =25℃,VCC=5.8V)
5.6
5.7
5.8
5.9
6
-40 -20
0
20 40 60 80 100 120
温度(℃)
VCC_OP vs 温度
5.1
5.2
5.3
5.4
5.5
-40 -20
0
20
40
60
80 100 120
温度(℃)
VCC_OFF vs 温度
0.49
0.495
0.5
0.505
0.51
-40 -20 0
20 40 60 80 100 120
温度(℃)
VCS_MAX vs 温度
230
240
250
260
270
-40 -20
0
20
40
60
80 100 120
温度(℃)
TOFF_MAX vs 温度
120
130
140
150
160
170
-40 -20
0
20 40 60 80 100 120
温度(℃)
IVCC_OP vs 温度



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com