Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8191 Datasheet(PDF) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8191
Description  Non-isolated quasi-resonant step-down LED constant current driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8191 Datasheet(HTML) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8191 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8191 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 - 10
Ver. 1.0 Oct. 13, 2015
OCP8191
非隔离准谐振降压 LED 恒流驱动器
 典型应用电路
Drain
CS
VCC
OCP8191
图 1 典型应用电路
 概述
OCP8191 是一款高度集成的电源开关,采用
准谐振降压(QR-Bulk)模式,应用于恒流控制 LED
照明。
OCP8191 包含了一个 550V 功率 MOSFET 开
关与一个功率控制器芯片。此外,芯片还集成了高
压启动、IC 供电电路和一种创新型退磁检测电路,
省去了变压器辅助绕组。芯片采用准谐振控制以提
高效率。
OCP8191 集成了多种保护电路,包括欠压锁
定(UVLO),逐周期过流保护(OCP),过热调节
(OTP)和 LED 短路保护等。
 特征
集成 550V 功率 MOSFET
无需辅助绕组检测
准谐振模式以提高效率
内部集成过热功率调节
内部集成充电电路和快速启动
±4%恒流控制器
极低的 VCC 工作电流
内部集成 AC 线电压恒流补偿
内部保护电路:
LED 短路保护
逐周期过流检测
芯片过热保护
VCC 欠压锁定功能
脚位悬空保护
封装类型 TO-92、TSOT-23-5L
 应用
LED 照明


Similar Part No. - OCP8191

ManufacturerPart #DatasheetDescription
logo
Shanghai Orient-Chip Te...
OCP8121 ORIENT-CHIP-OCP8121 Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8121SAD ORIENT-CHIP-OCP8121SAD Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8122A ORIENT-CHIP-OCP8122A Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
OCP8122ASAD ORIENT-CHIP-OCP8122ASAD Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
OCP8122ASSAD ORIENT-CHIP-OCP8122ASSAD Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
More results

Similar Description - OCP8191

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM8501 FUMAN-FM8501 Datasheet
426Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9022SS FUMAN-FM9022SS Datasheet
431Kb / 8P
Non-isolated step-down LED constant current driver IC
FM9032S FUMAN-FM9032S Datasheet
430Kb / 7P
Non-isolated step-down LED constant current driver IC
FM9129 FUMAN-FM9129 Datasheet
584Kb / 10P
Non-isolated step-down LED constant current driver IC
logo
Shenzhen Huazhimei Semi...
HM7150 HMSEMI-HM7150 Datasheet
598Kb / 7P
Non-isolated step-down LED constant current driver
logo
Shanghai Leiditech Elec...
BP2866 LEIDITECH-BP2866 Datasheet
1Mb / 7P
Non-isolated step-down LED constant current driver chip
logo
CHIPLINK SEMICONDUCTOR
CL1501 CHIPLINK-CL1501 Datasheet
371Kb / 9P
Non-isolated step-down LED constant current driver
CL1502 CHIPLINK-CL1502 Datasheet
341Kb / 9P
Non-isolated step-down LED constant current driver
CL1503 CHIPLINK-CL1503 Datasheet
306Kb / 9P
Non-isolated step-down LED constant current driver
CL1503S CHIPLINK-CL1503S Datasheet
341Kb / 9P
Non-isolated step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com