Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR050 Datasheet(PDF) 13 Page - ON Semiconductor

Part # MBR050
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR050 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MBR050 Datasheet HTML 9Page - ON Semiconductor MBR050 Datasheet HTML 10Page - ON Semiconductor MBR050 Datasheet HTML 11Page - ON Semiconductor MBR050 Datasheet HTML 12Page - ON Semiconductor MBR050 Datasheet HTML 13Page - ON Semiconductor MBR050 Datasheet HTML 14Page - ON Semiconductor MBR050 Datasheet HTML 15Page - ON Semiconductor MBR050 Datasheet HTML 16Page - ON Semiconductor MBR050 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Page 1
ON Semiconductor
NCP2820 Filter-Free Class D Audio Amp Improves System Efficiency
and Eliminates PCB Hot Spots in Audio Subsystems
Low Voltage Audio Amplifier Selector Guide
Audio Output/
Application
Class
Topology/
Features
Output
Power
PSSR
@ 217 Hz Efficiency
THD+N
Turn-On
Time (Typ)
Iq
(Typ)
Shut-Down
Current (Typ)
Package(s)
Device
Mono Speaker —
Basic Telephone Operation &
Ployphonic Ringtones
AB
BTL
1 W+
-7 dB
6%
0.0%
85 ms
1.5 mA
10 nA
Micro8™
Microbump-9
NCP2890
AB
BTL
1 W+
-7 dB
6%
0.0%
100 ms
1.5 mA
10 nA
Microbump-9
NCP2892A
AB
Differential
1 W+
-80 dB
6%
0.006%
10 ms
1.9 mA
0 nA
Microbump-9
DFN-10
NCP4894
Stereo Headphones —
MP Players, Bluetooth
Headsets
AB
Virtual Ground
No Output Cap
15 mW/Ch
-8 dB
6%
0.00%
85 ms
1.5 mA
10 nA
Micro10
NCP2809
AB
Differential
150 mW/Ch
-80 dB
6%
0.006%
10 ms
1.9 mA
0 nA
Microbump-9
DFN-10
NCP4894
Mono Speaker/Earpiece —
Low Cost Integrated Solution
AB
Single End/
Differential
1 W to
Speaker;
50 mW to
Earpiece
-70 dB
6%
SE 0.00%,
BTL 0.01%
10 ms
1.7 mA
0 nA
Microbump-9
NCP4896
Mono Speaker —
Handsfree Speaker Phone
D
Filterless,
Gain Select by
Resistors
.65 W
-65 dB
90%
0.05%
9 ms
. mA
00 nA
Microbump-9
DFN-8
NCP2820
D
Filterless,
Integrated Ext
Selectable Gain
6 or 1dB
.65 W
-65 dB
90%
0.05%
9 ms
.5 mA
500 nA
Microbump-9
NCP2821
Stereo Speakers —
Offer Stereo Sound Quality
to Play Video/Music-on-
Demand, MP
D
Filterless, Gain
Selection by
Resistor
 W+
per Channel
-65 dB
90%
0.05%
9 ms
. mA
600 nA
Microbump-9
2x NCP2820
or NCP2821
Key Performance Characteristics
• Wide Supply Range of . – 5.5 V
n
Superior >65 dB PSRR allows direct connection to the Battery
n
1 W to 8 W (BTL) Bridge Tied Load or .65 W to  W BTL @ 5 V
• Thermal overload protection circuitry
• “Pop and click” noise protection circuit
20
30
40
50
60
70
80
90
100
0
0.2
0.4
Pout (W)
Vp = 5 V
RL = 8
NCP2820
Class AB
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
Pout (W)
Vp = 5 V
RL = 8
NCP2820
Class AB
0.6
0.8
1.0
1.2
1.4
Extend Battery Life over with 2X Efficiency
Improvement at 0.5 W Output Power
Keep Cool Across All Power Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com