Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR050 Datasheet(PDF) 16 Page - ON Semiconductor

Part # MBR050
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR050 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button MBR050 Datasheet HTML 12Page - ON Semiconductor MBR050 Datasheet HTML 13Page - ON Semiconductor MBR050 Datasheet HTML 14Page - ON Semiconductor MBR050 Datasheet HTML 15Page - ON Semiconductor MBR050 Datasheet HTML 16Page - ON Semiconductor MBR050 Datasheet HTML 17Page - ON Semiconductor MBR050 Datasheet HTML 18Page - ON Semiconductor MBR050 Datasheet HTML 19Page - ON Semiconductor MBR050 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Page 16
Portable Solutions
Ensure Low Drain Current with Voltage Supervisory Devices
Low Capacitance Analog Switches for Data Switching
PIN ONE
CORNER
0.65 mm
1.46 mm
1.96 mm
3 mm
4.95 mm
PIN 1 ID
1 mm
Microbump-10
Micro10
USB
Transceiver
UART
ESD/EMI
Filter
Connector
Selection
Control
Selection
Control
NLAS4717 Dual SPDT
Microbump-10 Using
Only 3 mm2
NLAS4717EP Dual SPDT
• USB .0 Full Speed Compliant
• <0 pF On Capacitance
• NLAS7MTRG Dual SPDT
• USB .0 High Speed Compliant
• <7 pF On Capacitance
Key Performance Characteristics
• Wide 1.8 - 5.5 V Power Supply Range
• Low RDSon, .5 W @ .0 V
• Matching Between the Switches ±0.5 W
NCP300/301
NCP302/303
NCP304/305
MAX809/810
NCP803
MAX708
Under
Voltage
Sensing
Under
Voltage
Sensing
Under
Voltage
Sensing
Reset
Time-Out
Counter
Reset
Time-Out
Counter
Power
Fail
Comparator
Manual
Reset
Key Performance Characteristics
• Lowest quiescent current for extended battery life
• Complete range of products
• Large number of voltage thresholds
• Wide operating voltage range up tp 10 V
Supervisory Devices
Device
Function
Pertinent Features
Package
NCP00
Volt Detector
Complementary Output, No External Delay
SOT--5
NCP01
Volt Detector
Open Drain Output, No External Delay
SOT--5
NCP0
Volt Detector
Complementary Output, Programmable External Delay
SOT--5
NCP0
Volt Detector
Open Drain Output, Programmable External Delay
SOT--5
NCP0
Volt Detector
Complementary Output, No External Delay
SC-8AB
NCP05
Volt Detector
Open Drain Output, No External Delay
SC-8AB
MAX809
Reset Generator
10 mS, Minimum Output Reset-Low Delay
SOT-
MAX810
Reset Generator
10 mS, Minimum Output Reset-High Delay
SOT-
MAX80
Reset Generator
10 mS, Minimum Output Drain Output Reset-Low Delay
SOT-
MAX708
mP Reset Mo
00 mS Push-Pull Output Reset Delay, Std Threshold
SO-8, Micro8™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com