Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZHCS2000
Description  40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZHCS2000_02 Datasheet HTML 1Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 2Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 3Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 4Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 5Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 6Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 7Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISSUE 2 - DECEMBER 2002
ZHCS2000
2
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
73
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
40
V
Forward Current
IF
2A
Average Peak Forward Current;D.C.=50%
IFAV
4A
Non Repetitive Forward Current t
≤ 100µs
t
≤ 10ms
IFSM
20
10
A
A
Power Dissipation at Tamb=25°C
Ptot
1.1
W
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tj
125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com