Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZHCS2000
Description  40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZHCS2000_02 Datasheet HTML 1Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 2Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 3Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 4Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 5Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 6Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 7Page - Zetex Semiconductors ZHCS2000_02 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Duty Cycle
t1
t2
D = t1 / t2
Reverse Recovery Time Circuit
To 50R
Scope
1nS
Rise Time
50R to 12R5
Pulse Transformer
12R5
12R5
Negative Input Pulse
1nS Rise Time
DUT
+V
ISSUE 2 - DECEMBER 2002
ZHCS2000
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com