Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8211L-R20-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8211L-R20-T
Description  FET BIAS CONTROLLER WITH POLARIZATION SWITCH AND TONE DETECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8211L-R20-T Datasheet(HTML) 4 Page - Unisonic Technologies

  L8211L-R20-T Datasheet HTML 1Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 2Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 3Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 4Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 5Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L8211
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R123-008,C
TONE DETECTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter Amplifier
Input Bias Current
IB
RF1=150kΩ
0.02
0.07
0.25
µA
Output Voltage
VOUT
RF1=150kΩ
1.75
1.95
2.05
V
Output Current
IOUT
VOUT=1.96V, VFIN=2.1V
400
520
650
µA
Voltage Gain
Gv
f=22kHz, VIN=1mV
46
dB
Rejection Frequency
fR
V(AC)IN=1V p/p sq.w
1.0
7.5
kHz
V Threshold
FVT
100
350
mV p/p
Output Stage
Lov Volt.Range
VLOV
IL=50mA(LB or HB)
-0.5
VCC-1.8
V
Lov Bias Current
ILOV
VLOV=0V
0.02
0.15
1
µA
LB Output Low
VLBL
VLOV=0V, IL=-10µA
Enable
-3.5
-2.75
-2.5
V
VLOV=3V, IL=0mA
Enable
-0.01
0
0.01
V
LB Output High
VLBH
VLOV=0V, IL=10 mA
Disable -0.025
0
0.025
V
VLOV=3V, IL=50mA
Disable
2.9
3
3.1
V
HB Output Low
VHBL
VLOV=0V, IL=-10µA
Disable
-3.5
-2.75
-2.5
V
VLOV=3V, IL=0mA
Disable -0.01
0
0.01
V
HB Output High
VHBH
VLOV=0V, IL=10mA
Enable -0.025
0
0.025
V
VLOV=3V, IL=50mA
Enable
2.9
3
3.1
V
Note: Noise voltage measurement would be ignored in production.
POLARITY SWITCH CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Current
IPOL
VPOL=25V (Applied via RPOL=10kΩ)
10
20
40
µA
Threshold Voltage
VTPOL
VPOL=25V (Applied via RPOL=10kΩ)
14
14.75
15.5
V
Switching Speed
TSPOL
VPOL=25V (Applied via RPOL=10kΩ)
100
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com