Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8211L-R20-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8211L-R20-T
Description  FET BIAS CONTROLLER WITH POLARIZATION SWITCH AND TONE DETECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8211L-R20-T Datasheet(HTML) 5 Page - Unisonic Technologies

  L8211L-R20-T Datasheet HTML 1Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 2Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 3Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 4Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 5Page - Unisonic Technologies L8211L-R20-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L8211
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R123-008,C
TYPICAL CHARACTERISTICS
Load Current (mA)
50
20
30
40
10
0
-2
0
2
4
-6
-4
-8
LB/HB Offset Voltage vs Load Current
Frequency (Hz)
0
10k
100k
1k
100
10M
20
30
40
1M
10
50
60
70
VCC =5V
Open Loop Gain vs Frequency
Open Loop Phase vs Frequency
0
60
90
120
30
150
180
Frequency (Hz)
10k
100k
1k
100
10M
1M
Load Current (mA)
2.0
1.9
50
20
30
40
10
0
1.5
1.6
1.7
1.8
1.3
1.4
1.2
VCC =5V
LB/HB Dropout Voltage vs Load Current
JFET Drain Current vs Rcal
0
16
8
10
12
14
4
6
2
Rcal (k)
100
40
60
80
20
0
VCC =5V
JFET Drain Voltage vs Drain Current
16
12
68
10
4
2
2.1
2.2
14
2.0
5V
8V
10V
Drain Current (mA)
1.9
VCC =5V
VLOV=0V
Ta=70°C
Ta=25°C
Ta= -40°C
Ta= -40°C
Ta=25°C
Ta=70°C
VCC =5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com