Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS2000 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZLLS2000
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS2000 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZLLS2000 Datasheet HTML 1Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 2Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 3Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 4Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 5Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 6Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
Schottky Diode VR = 40V; IF = 2.2A; IR = 40 A
DESCRIPTION
This compact SOT23-6 packaged Schottky diode offers users an excellent
performance combination comprising high current operation, extremely low leakage
and low forward voltage ensuring suitability for applications requiring efficient
operation at higher temperatures ( above 85 C) see Operational Efficiency chart on
page 4.
Key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area savings
FEATURES
• Low equivalent on resistance
• Extremely low leakage (40 A @30V)
• High current capability (IF = 2.2A)
• Low VF, fast switching Schottky
• SOT23-6 package
• ZLLS2000 complements low temperature equivalent ZHCS2000
• Package thermally rated to 150 C
APPLICATIONS
• DC - DC converters
• Strobes
• Mobile phones
• Charging circuits
• Motor control
DEVICE MARKING
LL20
ZLLS2000
ISSUE 4 - APRIL 2007
1
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
DEVICE
REEL
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZLLS2000TA
7
8mm embossed
3000 units
ZLLS2000TC
13
8mm embossed
10000 units
ORDERING INFORMATION
Top view


Similar Part No. - ZLLS2000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS2000 ZETEX-ZLLS2000 Datasheet
287Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS2000 DIODES-ZLLS2000 Datasheet
602Kb / 6P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev 6
ZLLS2000 DIODES-ZLLS2000 Datasheet
349Kb / 5P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev erse
logo
TECH PUBLIC Electronics...
ZLLS2000 TECHPUBLIC-ZLLS2000 Datasheet
818Kb / 3P
40V Silicon High Current Schottky barrier diode
logo
Diodes Incorporated
ZLLS2000TA DIODES-ZLLS2000TA Datasheet
602Kb / 6P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev 6
More results

Similar Description - ZLLS2000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000 Datasheet
287Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500 Datasheet
316Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000_06 Datasheet
305Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS400 DIODES-ZLLS400 Datasheet
288Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
JUNE 2004
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
ZLLS1000 DIODES-ZLLS1000 Datasheet
191Kb / 6P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev 5
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev erse
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com