Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2014A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2014A
Description  CK98 100/133 MHz spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2014A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2014A Datasheet HTML 4Page - NXP Semiconductors PCK2014A Datasheet HTML 5Page - NXP Semiconductors PCK2014A Datasheet HTML 6Page - NXP Semiconductors PCK2014A Datasheet HTML 7Page - NXP Semiconductors PCK2014A Datasheet HTML 8Page - NXP Semiconductors PCK2014A Datasheet HTML 9Page - NXP Semiconductors PCK2014A Datasheet HTML 10Page - NXP Semiconductors PCK2014A Datasheet HTML 11Page - NXP Semiconductors PCK2014A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
PCK2014A
CK98 (100/133 MHz) spread spectrum
system clock generator
2001 Apr 02
8
AC CHARACTERISTICS
VDD3V = 3.3 V ± 5%; VDDAPIC = VDD25V = 2.5 V ± 5%; fcrystal = 14.31818 MHz
CPU CLOCK OUTPUTS, CPU(0–5) (LUMP CAPACITANCE TEST LOAD = 20 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
LIMITS
Tamb = 0 to +70 °C
UNIT
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP(avg)
Average CPUCLK period
7.5
7.65
10.0
10.3
ns
2, 9
THKP(abs_,om)
Absolute minimum CPUCLK period
7.35
n/a
9.85
n/a
ps
THKH
CPUCLK HIGH time
1.87
n/a
3.0
n/a
ns
5, 10
THKL
CPUCLK LOW time
1.67
n/a
2.8
n/a
ns
6, 10
THRISE
CPUCLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
CPUCLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
CPUCLK cycle-cycle jitter
150
150
ps
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
1
THSKW
CPUCLK pin-pin skew
175
175
ps
2
PCI CLOCK OUTPUTS, PCI(0–5) (LUMP CAPACITANCE TEST LOAD = 30 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
LIMITS
Tamb = 0 to +70 °C
UNIT
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
PCI period
30.0
n/a
30.0
n/a
ns
2, 9
THKH
PCI HIGH time
12.0
n/a
12.0
n/a
ns
5, 10
THKL
PCI LOW time
12.0
n/a
12.0
n/a
ns
6, 10
THRISE
PCI rise time
0.5
2.0
0.5
2.0
ns
8
THFALL
PCI fall time
0.5
2.0
0.5
2.0
ns
8
TJITTER
PCI cycle-cycle jitter
300
300
ps
DUTY CYCLE
PCI Duty Cycle
45
55
45
55
%
1
THSKW
PCI pin-pin skew
500
500
ps
2
APIC(0–1) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20 pF)
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
LIMITS
Tamb = 0 to +70 °C
UNIT
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
THKP
APIC CLK period
60.0
61.2
60.0
61.2
ns
2, 9
THKH
APIC CLK HIGH time
25.5
n/a
25.5
n/a
ns
5, 10
THKL
APIC CLK LOW time
25.3
n/a
25.3
n/a
ns
6, 10
THRISE
APIC CLK rise time
0.4
1.6
0.4
1.6
ns
8
THFALL
APIC CLK fall time
0.4
1.6
0.4
1.6
ns
8
TJITTER
APIC CLK cycle-cycle jitter
500
500
ps
DUTY CYCLE
APIC CLK Duty Cycle
45
55
45
55
%
1
THSKW
APIC CLK pin-pin skew
250
250
ps
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com