Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2014A Datasheet (PDF) - NXP Semiconductors

PCK2014A Datasheet PDF - NXP Semiconductors
Part # PCK2014A
Download  PCK2014A Download
File Size   105.74 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK98 100/133 MHz spread spectrum system clock generator

PCK2014A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2014A Datasheet PDF - NXP Semiconductors

Part # PCK2014A
Download  PCK2014A Click to download

File Size   105.74 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK98 100/133 MHz spread spectrum system clock generator

PCK2014A Datasheet (HTML) - NXP Semiconductors


PCK2014A Product details

DESCRIPTION
The PCK2014A is a clock generator (frequency synthesizer) chip for a Pentium III and other similar processors.
The PCK2014A has six CPU clock outputs at 2.5 V, two 3V66 clocks running at 66 MHz. there are six PCI clock outputs running at 33 MHz. Additionally, the part has three 2.5 V IOAPIC clock outputs at 16.67 MHz and two 3.3 V reference clock outputs at 14.318 MHz. All clock outputs meet Intel’s drive strength, rise/fall time, jitter, accuracy, and skew requirements.

FEATURES
• ESD classification testing is done to JEDEC Standard JESD22. Protection exceeds 2000 V to HBM per method A114.
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA.
• Mixed 2.5 V and 3.3 V operation
• Six CPU clocks at 2.5 V
• Six PCI clocks at 3.3 V, one free-running (synchronous with CPU clocks)
• Two 3.3 V fixed clocks @ 66 MHz
• Three 2.5 V IOAPIC clocks @ 16.67 MHz
• One 3.3 V 48 MHz USB clock
• Two 3.3 V reference clocks @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 133 MHz or 100 MHz operation
• Power management control input pins
• CPU clock jitter ≤ 150 ps cycle-cycle
• CPU clock skew ≤ 175 ps pin-pin
• 0.0 ns – 1.5 ns CPU - 3V66 delay
• 1.5 ns – 3.5 ns 3V66 - PCI delay
• 1.5 ns – 4.0 ns CPU - IOAPIC delay
• 1.5 ns – 4.0 ns CPU - PCI delay
• Available in 56-pin SSOP package
• ±0.6% Center spread spectrum capability via select pins
• –0.6% Down spread spectrum capability via select pins




Similar Part No. - PCK2014A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010DL PHILIPS-PCK2010DL Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2010RADL PHILIPS-PCK2010RADL Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
More results


Similar Description - PCK2014A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
logo
fujitsu semiconductor
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com