Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet (PDF) - NXP Semiconductors

PCK2020 Datasheet PDF - NXP Semiconductors
Part # PCK2020
Download  PCK2020 Download
File Size   110.48 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK00 100/133MHz spread spectrum differential system clock generator

PCK2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2020 Datasheet PDF - NXP Semiconductors

Part # PCK2020
Download  PCK2020 Click to download

File Size   110.48 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK00 100/133MHz spread spectrum differential system clock generator

PCK2020 Datasheet (HTML) - NXP Semiconductors


PCK2020 Product details

DESCRIPTION
The PCK2020 is a clock synthesizer/driver for a Pentium III and other similar processors.
The PCK2020 has four differential pair CPU current source outputs, two Mref clock outputs running at 1/2 the CPU clock frequency depending on the state of SEL133/100 pin and four 3V66 clocks running at 66 MHz. There are ten PCI clock outputs running at 33 MHz and two 48 MHz clocks. Finally, there are two 3.3 V reference clocks at 14.318 MHz. All clock outputs meet Intel’s drive strength, rise/fall times, jitter, accuracy, and skew requirements.
The part possesses a dedicated power-down input pin for power management control. This input is synchronized on-chip and ensures glitch-free output transitions.

FEATURES
• 3.3 V operation
• Four differential CPU clock pairs
• Ten PCI clocks at 3.3 V
• Four 66 MHz clocks at 3.3 V
• Two 48 MHz clocks at 3.3 V
• Two 14.318 MHz reference clocks
• 100 or 133 MHz operation
• Power management control pins
• CPU clock skew less than 200 ps cycle-to-cycle
• CPU clock skew less than 150 ps pin-to-pin
• 1.5 ns to 3.5 ns delay on PCI pins
• Spread Spectrum capability




Similar Part No. - PCK2020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2021DGG PHILIPS-PCK2021DGG Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2021DL PHILIPS-PCK2021DL Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
More results


Similar Description - PCK2020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
PCK2022RA PHILIPS-PCK2022RA Datasheet
100Kb / 14P
CK00 (100/133 MHz) spread spectrum differential system clock generator
2003 Jul 31
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
133MHz Spread Spectrum Clock for Motherboards
logo
fujitsu semiconductor
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com