Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2020 Datasheet HTML 1Page - NXP Semiconductors PCK2020 Datasheet HTML 2Page - NXP Semiconductors PCK2020 Datasheet HTML 3Page - NXP Semiconductors PCK2020 Datasheet HTML 4Page - NXP Semiconductors PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
4
BLOCK DIAGRAM
PWRDWN
SYSPLL
USBPLL
14.318
MHZ
OSC
PWRDWN
DECODE
LOGIC
X
X
X
X
X
X
X
X
REF [0–1](14.318 MHz)
PWRDWN
SEL1
SPREAD
XIN
XOUT
48 MHz[0–1] 3 V
CPUCLK [0–3]
3V66 [0–3] (66 MHz)
3VMRef
SEL0
SW00727
PWRDWN
X PCICLK_F (33 MHz)
PWRDWN
X
X
X
X
SEL 133/100
X CPUCLK [0–3]
PWRDWN
PWRDWN
PWRDWN
PWRDWN
X 3VMRef
X PCICLK_F (33 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com