Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2020 Datasheet HTML 1Page - NXP Semiconductors PCK2020 Datasheet HTML 2Page - NXP Semiconductors PCK2020 Datasheet HTML 3Page - NXP Semiconductors PCK2020 Datasheet HTML 4Page - NXP Semiconductors PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
5
FUNCTION TABLES
SEL
100/133
SELA
SELB
HOST
MREF
3V66
3V33 PCI
48 MHz
REF
0
0
0
100 MHz
50 MHz
66.7 MHz
33.3 MHz
48 MHz
14.318 MHz
0
0
1
105 MHz1
52.5 MHz1
70 MHz1
35 MHz1
48 MHz
14.318 MHz
0
1
0
200 MHz
50 MHz
66.7 MHz
33.3 MHz
N/A
N/A
0
1
1
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
1
0
0
133 MHz
66.7 MHz
66.7 MHz
33.3 MHz
48 MHz
14.318 MHz
1
0
1
126.7 MHz1
63.3 MHz1
63.3 MHz1
31.7 MHz1
48 MHz
14.318 MHz
1
1
0
200 MHz
66.7 MHz
66.7 MHz
33.3 MHz
48 MHz
14.318 MHz
1
1
1
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
NOTE:
1. These frequencies are for debug and thus can vary a small amount from the values listed at the vendor’s discretion.
SEL
100/133
SELA
SELB
HOST
0
0
0
Active 100 MHz
0
0
1
Active 100 MHz – ~5% over-clock
0
1
0
200 MHz, 50 MHz MREF
0
1
1
HI-Z all outputs
1
0
0
Active 133 MHz
1
0
1
Active 133.3 MHz minus ~5 under-clock
1
1
0
200 MHz, 66 MHz MREF
1
1
1
Test mode
POWER DOWN MODE
PWRDWN
HOST/HOST_BAR
MREF/MREF_B
3V66
PCI
48 MHz
REF
14.318/66 MHz Seeds
Asserts low
0 = Active
HOST = 2*IREF
HOST_BAR
LOW
LOW
LOW
LOW
OFF
LOW/(if applicable)
NOTE:
1. The differential outputs should have a voltage forced across them when power down is asserted.
SPREAD SPECTRUM FUNCTION TABLE
SPREAD
FUNCTION
48 MHz PLL
REF/MULTSEL0
REF/MULTSEL1
1
HOST/PCI/3V66/MREF/MREF_B
No spread
No spread
0
HOST/PCI/3V66/MREF/MREF_B
Down spread –0.5%
No spread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com