Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2020 Datasheet HTML 1Page - NXP Semiconductors PCK2020 Datasheet HTML 2Page - NXP Semiconductors PCK2020 Datasheet HTML 3Page - NXP Semiconductors PCK2020 Datasheet HTML 4Page - NXP Semiconductors PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
VSSRef
2, 3
Ref0/MultSel0
Ref1/MultSel1
During power up, pins functions as a latched inputs that enables MULTSEL0 and
MULTSEL1 prior to the pins being used for output of 3 V at 14.318 MHz. Part must be
clocked to latch data in.
4
VDD3.3Ref
5
XTAL_IN
Crystal input
6
XTAL_OUT
Crystal output
7, 13, 19
VSSPCI
8, 9, 11, 12, 14, 15, 17,
18, 20, 21
PCICLK[0–9]
3.3 V PCI clock outputs fixed at 33 MHz.
10, 16, 22
VDD3.3PCI
23
SEL100/133
Select input pin for enabling 133 MHz or 100 MHz CPU outputs.
24
VSSUSB
25, 26
48 MHz/SelA
48 MHz/SelB
3.3 V fixed 48 MHz clock outputs. During power up, pins functions as latched inputs
that enables SELA and SELB prior to the pins being used for output of 3 V at 48 MHz.
Part must be clocked to latch data in.
27
VDD3.3USB
28
PWRDWN
Device enters power down mode when held low. Asserts low.
29, 36
VDD3.3
30, 31, 34, 35
3V66[0–3]
3.3 V fixed 66 MHz CPU clock outputs.
32, 33
VSS
37
VSSCore
38
VDD3.3Core
3.3 V power supply for analog circuits.
39
I_REF
This pin controls the reference current for the host pairs. This pin requires a fixed
precision resistor tied to ground in order to establish the correct current.
40, 46
VSSCPU
41, 44, 47, 50
CPUCLK[0–3]
42, 45, 48, 51
CPUCLK[0–3]
43, 49
VDD3.3CPU
52
SPREAD
Enables spread spectrum mode when held low on differential host outputs,
MREF/MREF_B clocks, 66 MHz clocks, and 33 MHz PCI clocks. Asserts low.
53
VSSM
54
3VMref_b
3.3 V clock outputs running at 1/2 CPU clock frequency. 66 MHz or 50 MHz depending
on the state of input pin SEL133/100. (Out of phase with 3VMREF output).
55
3VMref
3.3 V clock outputs running at 1/2 CPU clock frequency. 66 MHz or 50 MHz depending
on the state of input pin SEL133/100.
56
VDD3.3M
3.3 V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com