Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors PCK2020 Datasheet HTML 10Page - NXP Semiconductors PCK2020 Datasheet HTML 11Page - NXP Semiconductors PCK2020 Datasheet HTML 12Page - NXP Semiconductors PCK2020 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
9
AC CHARACTERISTICS
VDD3 = 3.3 V –5%; fcrystal = 14.31818 MHz
HOST CLOCK OUTPUTS (SEE FIGURE 1 FOR WAVEFORMS AND FIGURE 6 FOR TEST SETUP)
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHZ MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
TPKP
HOST CLK period
7.5
7.65
10.0
10.2
ns
11, 14, 20
AbsMinPeriod
Absolute Minimum Host CLK Period
7.35
N/A
9.85
N/A
ns
11, 14, 20
TRISE
HOST CLK rise time
175
700
175
700
ps
11, 15, 20
TFALL
HOST CLK fall time
175
700
175
700
ps
11, 15, 20
TJITTER
HOST CLK cycle-to-cycle jitter
200
200
ps
11, 12, 14, 20
DUTY CYCLE
Output duty cycle
45
55
45
55
%
11, 14, 20
TSKEW
HOST CLK pin-to-pin skew
150
150
ps
11, 14, 20
Rise/Fall Matching
Rise and fall time matching
35%
35%
11, 16, 20
Vcrossover
45% VOH
60% VOH
45% VOH
60% VOH
V
11, 14, 20
MREF OUTPUTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNITS
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
TPKP
MREF period
15.0
15.3
20.0
20.4
ns
2, 9, 20
TPKH
MREF HIGH time
5.25
N/A
7.5
N/A
ns
5, 10, 20
TPKL
MREF LOW time
5.05
N/A
7.3
N/A
ns
6, 10, 20
TRISE
MREF rise time
0.5
2.0
0.5
2.0
ns
8, 20
TFALL
MREF fall time
0.5
2.0
0.5
2.0
ns
8, 20
TJITTER
Cycle-to-cycle jitter
250
250
ps
18, 20
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
18, 20
3V66 OUTPUTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNIT
NOTES
MIN
MAX
MIN
MAX
TPKP
3V66 period
15.0
16.0
15.0
16.0
ns
2, 4, 9, 20
TPKH
3V66 HIGH time
5.25
N/A
5.25
N/A
ns
5, 10, 20
TPKL
3V66 LOW time
5.05
N/A
5.05
N/A
ns
6, 10, 20
TRISE
3V66 rise time
0.5
2.0
0.5
2.0
ns
8, 20
TFALL
3V66 fall time
0.5
2.0
0.5
2.0
ns
8, 20
TJITTER
Cycle-to-cycle jitter
300
300
ps
18, 20
DUTY CYCLE
Output Duty Cycle
45
55
45
55
%
18, 20
TSKEW
Pin-to-pin skew
250
250
ps
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com