Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2020 Datasheet HTML 1Page - NXP Semiconductors PCK2020 Datasheet HTML 2Page - NXP Semiconductors PCK2020 Datasheet HTML 3Page - NXP Semiconductors PCK2020 Datasheet HTML 4Page - NXP Semiconductors PCK2020 Datasheet HTML 5Page - NXP Semiconductors PCK2020 Datasheet HTML 6Page - NXP Semiconductors PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2
2000 Nov 13
853-2209 25006
FEATURES
• 3.3 V operation
• Four differential CPU clock pairs
• Ten PCI clocks at 3.3 V
• Four 66 MHz clocks at 3.3 V
• Two 48 MHz clocks at 3.3 V
• Two 14.318 MHz reference clocks
• 100 or 133 MHz operation
• Power management control pins
• CPU clock skew less than 200 ps cycle-to-cycle
• CPU clock skew less than 150 ps pin-to-pin
• 1.5 ns to 3.5 ns delay on PCI pins
• Spread Spectrum capability
DESCRIPTION
The PCK2020 is a clock synthesizer/driver for a Pentium III and
other similar processors.
The PCK2020 has four differential pair CPU current source outputs,
two Mref clock outputs running at 1/2 the CPU clock frequency
depending on the state of SEL133/100 pin and four 3V66 clocks
running at 66 MHz. There are ten PCI clock outputs running at
33 MHz and two 48 MHz clocks. Finally, there are two 3.3 V
reference clocks at 14.318 MHz. All clock outputs meet Intel’s drive
strength, rise/fall times, jitter, accuracy, and skew requirements.
The part possesses a dedicated power-down input pin for power
management control. This input is synchronized on-chip and
ensures glitch-free output transitions.
PIN CONFIGURATION
SW00577
1
2
3
4
5
6
7
8
9
10
11
12
45
46
47
48
49
50
51
52
53
54
55
56
VSSRef
Ref1/MultSel1
VDD3.3Ref
XTAL_IN
XTAL_OUT
VSSPCI
PCICLK0
PCICLK1
VDD3.3PCI
PCICLK2
VDD3.3M
3VMref
3VMref_b
VSSM
SPREAD
CPUCLK0
CPUCLK0
CPUCLK1
VDD3.3CPU
CPUCLK1
VSSCPU
CPUCLK2
PCICLK3
13
14
15
16
17
18
39
40
41
42
43
44
VSSPCI
PCICLK4
PCICLK5
VDD3.3PCI
PCICLK6
CPUCLK2
CPUCLK3
VDD3.3CPU
CPUCLK3
VSSCPU
PCICLK7
19
38
I_REF
VSSPCI
20
21
22
23
24
25
32
33
34
35
36
37
PCICLK8
PCICLK9
VDD3.3PCI
SEL100/133
VSSUSB
VDD3.3Core
3V66_0
VSSCore
3V66_1
VSS
VSS
48MHz0/SelA
26
31 3V66_2
48MHz1/SelB
27
30 3V66_3
VDD3.3USB
28
29
PWRDWN
VDD3.3
Ref0/MultSel0
VDD3.3
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE (
°C)
ORDER CODE
DRAWING NUMBER
56-Pin Plastic SSOP
0 to +70
PCK2020 DL
SOT371-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com