Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2020 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2020
Description  CK00 100/133MHz spread spectrum differential system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2020 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2020 Datasheet HTML 7Page - NXP Semiconductors PCK2020 Datasheet HTML 8Page - NXP Semiconductors PCK2020 Datasheet HTML 9Page - NXP Semiconductors PCK2020 Datasheet HTML 10Page - NXP Semiconductors PCK2020 Datasheet HTML 11Page - NXP Semiconductors PCK2020 Datasheet HTML 12Page - NXP Semiconductors PCK2020 Datasheet HTML 13Page - NXP Semiconductors PCK2020 Datasheet HTML 14Page - NXP Semiconductors PCK2020 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
PCK2020
CK00 (100/133MHz) spread spectrum
differential system clock generator
2000 Nov 13
11
GROUP OFFSET LIMITS
GROUP
OFFSET
MEASUREMENT LOADS (LUMPED)
MEASURE POINTS
NOTES
3V66 to PCI
1.5–3.5 ns
3V66 leads
3V66 @ 30 pf
PCI @ 30 pf
3V66 @ 1.5 V
PCI @ 1.5 V
19, 20
NOTES:
1. Output drivers must have monotonic rise/fall times through the specified VOL/VOH levels.
2. Period, jitter, offset and skew measured on rising edge @ 1.25 V for 2.5 V clocks and @ 1.5 V for 3.3 V clocks.
3. The PCI clock is the Host clock divided by four at Host = 133 MHz. PCI clock is the Host clock divided by three at Host = 100 MHz.
4. 3V66 is internal VCO frequency divided by four for Host = 133 MHz. 3V66 clock is internal VCO frequency divided by three at Host =
100 MHz.
5. THKH is measured at 2.0 V for 2.5 V outputs and 2.4 V for 3.3 V outputs as shown in Figure 7.
6. THKL is measured at 0.4 V for all outputs as shown in Figure 7.
7. The time is specified from when VDDQ achieves its normal operating level (typical condition VDDQ = 3.3 V) until the frequency output is stable
and operating within specification.
8. THRISE and THFALL are measured as a transition through the threshold region VOL = 0.4 V and VOH = 2.4 V (1 mA) JEDEC specification.
9. The average period over any 1
µs period of time must be greater than the minimum specified period.
10. Calculated at minimum edge-rate (1 V/ns) to guarantee 45/55% duty-cycle. Pulse width is required to be wider at faster edge-rate to ensure
duty-cycle specification is met.
11. Test load is Rs = 33.2
Ω, Rp = 49.9 Ω.
12. Must be guaranteed in a realistic system environment.
13. Configured for VOH = 0.71 V in a 50 Ω environment.
14. Measured at crossing points.
15. Measured at 20% to 80%.
16. Determined as a fraction of 2* (Trp–Trn)/(Trp+Trn) where Trp is a rising edge and Trn is an intersecting falling edge.
17. Voltage measure point (Vm = 1.25 V). VDD = 2.5 V.
18. Voltage measure point (Vm = 1.5 V). VDD = 3.3 V.
19. All offsets are to be measured at rising edges.
20. Parameters are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com