Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2022RA Datasheet (PDF) - NXP Semiconductors

PCK2022RA Datasheet PDF - NXP Semiconductors
Part # PCK2022RA
Download  PCK2022RA Download
File Size   100.69 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK00 (100/133 MHz) spread spectrum differential system clock generator

PCK2022RA Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2022RA Datasheet PDF - NXP Semiconductors

Part # PCK2022RA
Download  PCK2022RA Click to download

File Size   100.69 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK00 (100/133 MHz) spread spectrum differential system clock generator

PCK2022RA Datasheet (HTML) - NXP Semiconductors


PCK2022RA Product details

DESCRIPTION
This part replaces PCK2022R with improved frequency and spread spectrum performance.
The PCK2022RA is a clock synthesizer/driver for a Pentium III™ and other similar processors.
The PCK2022RA has eight differential pair CPU current source outputs, one 33/66 MHz output which is configurable on power-up, two 48 MHz clocks which can be disabled on power-up, and one 3.3 V reference clock at 14.318 MHz which can also be disabled on power-up. All clock outputs meet Intel’s drive strength, rise/fall times, jitter, accuracy, and skew requirements.

FEATURES
• 3.3 V operation
• Eight differential CPU clock pairs
• One IO clock at 33 MHz and 66 MHz
• Two 48 MHz clocks at 3.3 V
• One 14.318 MHz reference clock
• Power management control pins
• Host clock jitter less than 200 ps cycle-to-cycle
• Host clock skew less than 150 ps pin-to-pin
• Spread Spectrum capability
• Optimized frequency and spread spectrum performance




Similar Part No. - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2022RDGG PHILIPS-PCK2022RDGG Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
More results


Similar Description - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com