Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010 Datasheet (PDF) - NXP Semiconductors

PCK2010 Datasheet PDF - NXP Semiconductors
Part # PCK2010
Download  PCK2010 Download
File Size   113.38 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK98 100/133MHz Spread Spectrum System Clock Generator

PCK2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2010 Datasheet PDF - NXP Semiconductors

Part # PCK2010
Download  PCK2010 Click to download

File Size   113.38 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK98 100/133MHz Spread Spectrum System Clock Generator

PCK2010 Datasheet (HTML) - NXP Semiconductors


PCK2010 Product details

DESCRIPTION
The PCK2010 is a clock synthesizer/driver chip for a PentiumII and other similar processors.
The PCK2010 has four CPU clock outputs at 2.5V, two CPUDIV2 clock outputs running at 1/2 CPU clock frequency (66MHz or 50MHz depending on the state of SEL133/100) and four 3V66 clocks running at 66MHz. There are eight PCI clock outputs running at 33MHz. One of the PCI clock outputs is free-running. Additionally, the part has three 2.5V IOAPIC clock outputs at 16.67MHz and two 3.3V reference clock outputs at 14.318MHz. All clock outputs meet Intel’s drive strength, rise/fall time, jitter, accuracy, and skew requirements.

FEATURES
• Mixed 2.5V and 3.3V operation
• Four CPU clocks at 2.5V
• Eight PCI clocks at 3.3V, one free-running (synchronous with CPU clocks)
• Four 3.3V fixed clocks @ 66MHz
• Two 2.5V CPUDIV2 clocks @ 1/2 CPU clock frequency
• Three 2.5V IOAPIC clocks @ 16.67 MHz
• One 3.3V 48MHz USB clock
• Two 3.3V reference clocks @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 133 MHz or 100 MHz operation
• Power management control input pins
• LOW CPU clock jitter ≤ 250 ps cycle-cycle
• LOW skew outputs
• 0.0ns – 1.5ns CPU - 3V66 delay
• 1.5ns – 4.0ns 3V66 - PCI delay
• 1.5ns – 4.0 ns CPU - IOAPIC delay
• Available in 56-pin SSOP package
• ±0.5% center spread spectrum capability via select pins; –0.5% down spread spectrum capability via select pins




Similar Part No. - PCK2010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2010RADL PHILIPS-PCK2010RADL Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2010RDL PHILIPS-PCK2010RDL Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
More results


Similar Description - PCK2010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2010R PHILIPS-PCK2010R Datasheet
102Kb / 18P
CK98R 100/133MHz RCC spread spectrum system clock generator
1999 Oct 19
PCK2010RA PHILIPS-PCK2010RA Datasheet
108Kb / 16P
CK98R 100/133MHz RCC spread spectrum system clock generator
2001 Apr 02
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
logo
Fairchild Semiconductor
RC7106 FAIRCHILD-RC7106 Datasheet
815Kb / 16P
133MHz Spread Spectrum Clock for Motherboards
logo
fujitsu semiconductor
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com