Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2010 Datasheet HTML 1Page - NXP Semiconductors PCK2010 Datasheet HTML 2Page - NXP Semiconductors PCK2010 Datasheet HTML 3Page - NXP Semiconductors PCK2010 Datasheet HTML 4Page - NXP Semiconductors PCK2010 Datasheet HTML 5Page - NXP Semiconductors PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
2
1999 Mar 01
FEATURES
• Mixed 2.5V and 3.3V operation
• Four CPU clocks at 2.5V
• Eight PCI clocks at 3.3V, one free-running
(synchronous with CPU clocks)
• Four 3.3V fixed clocks @ 66MHz
• Two 2.5V CPUDIV2 clocks @ ½ CPU clock frequency
• Three 2.5V IOAPIC clocks @ 16.67 MHz
• One 3.3V 48MHz USB clock
• Two 3.3V reference clocks @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 133 MHz or 100 MHz operation
• Power management control input pins
• LOW CPU clock jitter ≤ 250 ps cycle-cycle
• LOW skew outputs
• 0.0ns – 1.5ns CPU - 3V66 delay
• 1.5ns – 4.0ns 3V66 - PCI delay
• 1.5ns – 4.0 ns CPU - IOAPIC delay
• Available in 56-pin SSOP package
• ±0.5% center spread spectrum capability via select pins; –0.5%
down spread spectrum capability via select pins
DESCRIPTION
The PCK2010 is a clock synthesizer/driver chip for a PentiumII and
other similar processors.
The PCK2010 has four CPU clock outputs at 2.5V, two CPUDIV2
clock outputs running at
½ CPU clock frequency (66MHz or 50MHz
depending on the state of SEL133/100) and four 3V66 clocks
running at 66MHz. There are eight PCI clock outputs running at
33MHz. One of the PCI clock outputs is free-running. Additionally,
the part has three 2.5V IOAPIC clock outputs at 16.67MHz and two
3.3V reference clock outputs at 14.318MHz. All clock outputs meet
Intel’s drive strength, rise/fall time, jitter, accuracy, and skew
requirements.
The part possesses dedicated power-down, CPUSTOP, and
PCISTOP input pins for power management control. These inputs
are synchronized on-chip and ensure glitch-free output transitions.
When the CPUSTOP input is asserted, the CPU clock outputs and
3V66 clock outputs are driven LOW. When the PCISTOP input is
asserted, the PCI clock outputs are driven LOW.
Finally, when the PWRDWN input pin is asserted, the internal
reference oscillator and PLLs are shut down, and all outputs are
driven LOW.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
27
28
30
29
VSS
REF0
REF1
VDD3V
XTAL_IN
XTAL_OUT
PCICLK_F
PCICLK1
VDD3V
PCICLK2
PCICLK3
VSS
PCICLK4
PCICLK5
PCICLK6
PCICLK7
VSS
VSS
VDD3V
VSS
3V66_0
VDD3V
VSS
3V66_3
3V66_1
3V66_2
VDD3V
SEL133/100
VDD25V
APIC2
APIC1
APIC0
VSS
VDD25V
CPUDIV2_0
VSS
VDD25V
CPUCLK1
CPUCLK0
VSS
VDD3V
VSS
CPUSTOP
PWRDWN
SPREAD
CPUDIV2_1
PCISTOP
CPUCLK3
CPUCLK2
VDD25V
SEL1
VDD3V
VSS
SEL0
48MHz
VSS
SW00352
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
56-Pin Plastic SSOP
0
°C to +70°C
PCK2010 DL
PCK2010 DL
SOT371-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com