Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 4Page - NXP Semiconductors PCK2010 Datasheet HTML 5Page - NXP Semiconductors PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors PCK2010 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
8
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
VDD
(V)
OTHER
MIN
TYP
MAX
VIH
HIGH level input voltage
3.135 to 3.465
VDD25V =
2.5V
±5%
2.0
VDD + 0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VDD3V =
3.3V
±5%
VSS – 0.3
0.8
V
VOH2
2.5V output HIGH voltage
CPUCLK, IOAPIC,
CPUDIV2
2.375 to 2.625
IOH = –1mA
2.0
–
V
VOL2
2.5V output LOW voltage
CPUCLK, IOAPIC,
CPUDIV2
2.375 to 2.625
IOL = 1mA
–
0.4
V
VOH3
3.3V output HIGH voltage
REF, 48MHz
3.135 to 3.465
IOH = –1mA
2.0
–
V
VOL3
3.3V output LOW voltage
REF, 48MHz
3.135 to 3.465
IOL = 1mA
–
0.4
V
VOH3
3.3V output HIGH voltage
PCI, 3V66
3.135 to 3.465
IOH = –1mA
2.4
–
V
VOL3
3.3V output LOW voltage
PCI, 3V66
3.135 to 3.465
IOL= 1mA
–
0.55
V
IOH
CPUCLK
2.375
VOUT = 1.0V
–27
–
mA
IOH
output HIGH current
2.625
VOUT = 2.375V
–
–27
mA
IOH
48MHz, REF
3.135
VOUT = 1.0V
–29
–
mA
IOH
output HIGH current
3.465
VOUT = 3.135V
–
–23
mA
IOH
PCI, 3V66
3.135
VOUT = 1.0V
–33
–
mA
IOH
output HIGH current
3.465
VOUT = 3.135V
–
–33
mA
IOL
CPUCLK
2.375
VOUT = 1.2V
27
–
mA
IOL
output LOW current
2.625
VOUT = 0.3V
–
30
mA
IOL
48MHz, REF
3.135
VOUT = 1.95V
29
–
mA
IOL
output LOW current
3.465
VOUT = 0.4V
–
27
mA
IOL
PCI, 3V66
3.135
VOUT = 1.95V
30
–
mA
IOL
output LOW current
3.465
VOUT = 0.4V
–
38
mA
±II
Input leakage current
3.465
–
5
µA
±IOZ
3-State output OFF-State
current
3.465
VOUT =
Vdd or GND
IO = 0
–
10
µA
Cin
Input pin capacitance
5
pF
Cxtal
Xtal pin capacitance, as
seen by external crystal
18
pF
Cout
Output pin capacitance
6
pF
Operating supply current
100MHz mode
Outputs loaded1
160
mA
Idd3
O erating su
ly current
3.465
133MHz mode
Outputs loaded1
160
mA
Powerdown supply current
All static inputs to VDD or GND
200
µA
Operating supply current
100MHz mode
Output loaded1
160
mA
Idd2
O erating su
ly current
2.625
133MHz mode
Output loaded1
160
mA
Powerdown supply current
All static inputs to VDD or GND
100
µA
NOTE:
1. All clock outputs loaded with maximum lump capacitance test load specified in AC characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com