Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2010
Description  CK98 100/133MHz Spread Spectrum System Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2010 Datasheet HTML 3Page - NXP Semiconductors PCK2010 Datasheet HTML 4Page - NXP Semiconductors PCK2010 Datasheet HTML 5Page - NXP Semiconductors PCK2010 Datasheet HTML 6Page - NXP Semiconductors PCK2010 Datasheet HTML 7Page - NXP Semiconductors PCK2010 Datasheet HTML 8Page - NXP Semiconductors PCK2010 Datasheet HTML 9Page - NXP Semiconductors PCK2010 Datasheet HTML 10Page - NXP Semiconductors PCK2010 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Preliminary specification
PCK2010
CK98 (100/133MHz) Spread Spectrum System Clock
Generator
1999 Mar 01
7
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3V
DC 3.3V core supply voltage
3.135
3.465
V
VDD25V
DC 2.5V I/O supply voltage
2.375
2.625
V
CL
Capacitive load on:
CPUCLK
PCICLK
CPUDIV2
3V66
48MHz clock
REF
IOAPIC
1 device load, possible 2 loads
Must meet PCI 2.1 requirements
1 device load, possible 2 loads
1 device load, possible 2 loads
1 device load
1 device load
1 device load
10
10
10
10
10
10
10
20
30
20
30
20
20
20
pF
VI
DC input voltage range
0
VDD3V
V
VO
DC output voltage range
0
VDD25V
VDD3V
V
fREF
Reference frequency, oscillator nominal value
14.31818
14.31818
MHz
Tamb
Operating ambient temperature range in free air
0
+70
°C
POWER MANAGEMENT
CK133
CONDITION
MAXIMUM 2.5V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAP LOADS, VDD25V = 2.625V
ALL STATIC INPUTS = VDD3V OR VSS
MAXIMUM 3.3V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAP LOADS, VDD25V= 3.465V
ALL STATIC INPUTS = VDD3V OR VSS
Power-down mode
(PWRDWN = 0)
100
µA
200
µA
Full active 100MHz
SEL133/100# = 0
SEL1, 0 = 1 1
CPUSTOP, PCISTOP = 1
75mA
160mA
Full active 133MHz
SEL133/100# = 1
SEL1, 0 = 1 1
CPUSTOP, PCISTOP = 1
90mA
160mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com