Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD78PBY99R10X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD78PBY99R10X
Description  D-SUB HD Male 78pos. Solder pin angled metal bracket,threaded insert,fixing-plate,hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD78PBY99R10X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  6HDD78PBY99R10X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD78PBY99R10X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
6HDD78PoY99R10X CONEC ABC
scale
/Maßstab:
01.10.2018
01.10.2018
Schmidt
Name
Lehmenkühler
R
dim. in mm
15K1A2159
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
appd./
gepr.
drawn/
gez.
DIN-
A3
D-SUB HD Male 78pos. Solder pin angled
metal bracket,threaded insert,fixing-plate,hexlocking screw
D-SUB HD Stiftleiste 78pol. Lötstift gewinkelt
Metallwinkel,Gewindeeinsatz,Zentrierplatte,Sechskantschraube
2:1
Index:
a Original
Status:
InBearbeitung
2 / 2
PCB edge/Leiterplatten Kante
Frontpanel/Vorderwand
52,81 - 0,13
0,12
+
61,1 - 0,11
0,14
+
75,6 - 0
0,3
+
10°
POS. 1
POS. 21
POS. 40
POS. 60
3
M
4,75
SW
7,5 `0,3
3,3 - 0
0,5
+
3,1 `0,1
n
(2x)
22,924 `0,1
7,626 `0,03
45,847 `0,05
1,207 `0,1
2,413 `0,1
0,9 - 0
0,1
+
n
(78x)
61,1 - 0,11
0,14
+
11,07 - 0,12
0,13
+
61,1 `0,1
3,
4
R
`0
,1
3
56,3 `0,1
10° `1°
i 0,26 A
B
i 0,26 B
A
PCB hole drillings (PCB top side) /
Leiterplattenbohrbild (Leiterplatten Oberseite)
Recommended panel cut-out/
Empfohlener Montageausschnitt:
1
3
M
2,25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com