Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD78PBY99R30X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD78PBY99R30X
Description  D-SUB HD MALE 90° 78pos. SOLDER PIN ANGLED thread insert, metal bracket, fixing-plate, hex bolt, snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD78PBY99R30X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6HDD78PBY99R30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD78PBY99R30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1835
A3
1/2
D-SUB HD MALE 90°
SEE NOTES
Henneboel
22.12.15
22.12.15 Lehmenkühler
78pos. SOLDER PIN ANGLED
thread insert, metal bracket, fixing-plate, hex bolt, snap
2:1 (4:1/1:1)
6HDD78P Y99R30X
a
Original
6HDD78PoY99R30X CONEC ABC
NOTES:
1. FOR WAVESOLDERING ( SOLDER BATH TEMPERATURE 240°C
FOR 5 SEC. / AND SOLDER PREHEAT 120°C FOR 120 SEC. )
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: PBT GF UL 94 V-0; BLACK
4. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
5. METAL BRACKETS: ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/
120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3.1±0.1mm; PCB THICKNESS 1.6mm
8. COLLARS: COPPER ALLOY; NICKEL PLATED
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. FRAME: PA GF UL 94 V-0; BLACK
11. FIXING PLATE: PBT GF UL 94 V-0; BLACK
12. O-RING: SILICON; BLUE
13. RUBBER GASKET: TPE; BLACK
14. SEALING COMPOUND: PUR; BLUE
15. P.C.B. HOLE DRILLINGS AND RECOMMENDED PANEL CUT-OUT ON SHEET 2
16. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.40Ncm (3.5 in.LB)
17. CONNECTOR IS PART MARKED: 4HDD78PoY99R30X CONEC ABC (see note 4)
SEALING
COMPOUND
11,07 - 0,12
0,13
+
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
3 - 0
0,5
+
7,5 `0,3
( 4 : 1 )
3,2 `0,2
PCB-SNAP
SEE NOTE 10
4,75
SW
3
M
3
M
O-RING
PRESS FOR FIXING ON PCB
FIXING PLATE
METAL BRACKET
SEE NOTE 17
10°
52,81 - 0,13
0,12
+
61,1 - 0,11
0,14
+
75,6 - 0
0,3
+
POS. 1
POS. 21
POS. 40
POS. 60
RoHS compliant
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
o
(see note 4)


Similar Part No. - 6HDD78PBY99R30X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6HDD78PBY99R10X CONEC-6HDD78PBY99R10X Datasheet
570Kb / 2P
D-SUB HD Male 78pos. Solder pin angled metal bracket,threaded insert,fixing-plate,hexlocking screw
01.10.2018
6HDD78PBY99R40X CONEC-6HDD78PBY99R40X Datasheet
710Kb / 2P
D-SUB HD Male 78pos. Solder pin straight metal bracket,threaded insert,fixing-plate,hexlocking screw
12.04.2017
More results

Similar Description - 6HDD78PBY99R30X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A16359X CONEC-163A16359X Datasheet
170Kb / 1P
9pos. SOLDER PIN ANGLED 0.370inch thread insert,metal bracket,fixing-plate,snap
163A17809X CONEC-163A17809X Datasheet
311Kb / 1P
D-SUB HD Male 90° 15pos. Solder pin angled 0.350 inch threaded insert, metal bracket, fixing plate, snap
04.12.2017
163A18229X CONEC-163A18229X Datasheet
100Kb / 1P
D-SUB HD MALE 90º 78pos. SOLDER PIN ANGLED threaded insert,metal bracket, fixing-plate, clip
17.12.2001
3H15W4PAT99G80X CONEC-3H15W4PAT99G80X Datasheet
249Kb / 2P
D-SUB HD COMB. MALE 90° 15W4P SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
16.07.13
3H15W4SAT73G80X CONEC-3H15W4SAT73G80X Datasheet
694Kb / 2P
D-SUB HD COMB. FEMALE 90° 15W4S SOLDER PIN ANGLED threaded insert, metal bracket, fixing-plate, snap
17.07.13
15-000893 CONEC-15-000893 Datasheet
258Kb / 2P
D-SUB HD MALE 90° 15pos. SOLDER PIN ANGLED metal bracket, fixing plate, hexlocking screw, snap
23.10.08
15-000903 CONEC-15-000903 Datasheet
267Kb / 2P
D-SUB HD MALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
15.09.08
15-002233 CONEC-15-002233 Datasheet
300Kb / 2P
D-SUB HD MALE 90° 78pos. SOLDER PIN ANGLED metal bracket, fixing plate, hexlocking screw, snap
27.11.09
15-002283 CONEC-15-002283 Datasheet
334Kb / 2P
D-SUB HD FEMALE 90° 78pos. SOLDER PIN ANGLED metal bracket, fixing plate, hexlocking screw, snap
27.11.09
15-007663 CONEC-15-007663 Datasheet
415Kb / 2P
D-SUB MALE 90° HD 44pos. SOLDER PIN ANGLED closed 4-40 UNC thread,metal bracket,fixing-plate,snap
23.09.2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com