Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6HDD78PBY99R30X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 6HDD78PBY99R30X
Description  D-SUB HD MALE 90° 78pos. SOLDER PIN ANGLED thread insert, metal bracket, fixing-plate, hex bolt, snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6HDD78PBY99R30X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  6HDD78PBY99R30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6HDD78PBY99R30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1835
A3
2/2
P.C.B. HOLE DRILLINGS
SEE SHEET 1
Henneboel
22.12.15
22.12.15 Lehmenkühler
D-SUB HD MALE 90° 78pos.
thread insert, metal bracket, fixing-plate, hex bolt, snap
3:1
SEE SHEET 1
a
Original
3,1 `0,1
n
(2x)
1
2,413 `0,1
1,207 `0,1
45,847 `0,05
22,924 `0,1
7,626 `0,03
61,1 - 0,11
0,14
+
0,9 - 0
0,1
+
n
(78x)
P.C.B. EDGE
FRONTPANEL
P.C.B. HOLE DRILLINGS
(P.C.B. TOP SIDE)
RECOMMENDED PANEL CUT-OUT
56,3 `0,1
61,1 `0,1
3,
4
R
`0
,1
3
10°`1°
B
A
i 0,26 B
i 0,26 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com