Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD16 Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # SMD16
Description  Chip Quik Removal Alloy (16ft. In 30-6.5in. Lengths) leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD16 Datasheet(HTML) 1 Page - Chip Quik Inc.

  SMD16 Datasheet HTML 1Page - Chip Quik Inc. SMD16 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.chipquik.com
Chip Quik Removal Alloy (16ft. In 30-6.5in. Lengths) leaded
Product Highlights
Easily remove SMD parts with Chip Quik® removal alloy
Reduce heat and reduce damage to circuit boards and SMD parts during removal
Use with SMD291 flux
Specifications
Alloy:
Chip Quik®
Melting Point:
58°C (136°F)
Chip Quik® Instructions
1 Apply Chip Quik flux to all leads of SMD with syringe or flux applicator.
2
Melt Chip Quik low temperature alloy uniformly on all pins of SMD.
Maintain alloy in molten state long enough for complete reflow.
3 Lift chip from board with dental pick or vacuum pen.
4
Thoroughly clean site with swab dipped in flux while applying heat.
Clean thoroughly with alcohol pad.
1
© 1994-2015 Chip Quik® Inc.
S
SM
MD
D1
16
6


Similar Part No. - SMD16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SMD16 COOPER-SMD16 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Chip Quik Inc.
SMD16 CHIPQUIK-SMD16 Datasheet
75Kb / 2P
Material Safety
logo
Shenzhen Luguang Electr...
SMD16.9344M LUGUANG-SMD16.9344M Datasheet
270Kb / 5P
CRYSTAL UNITS
logo
ACPA Technology Co., Lt...
SMD160A ACPA-SMD160A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
SMD160CA ACPA-SMD160CA Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
More results

Similar Description - SMD16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC3021A TI-GC3021A Datasheet
269Kb / 38P
3.3V MIXER AND CARRIER REMOVAL CHIP
GC3021 TI1-GC3021 Datasheet
206Kb / 37P
MIXER AND CARRIER REMOVAL CHIP
logo
List of Unclassifed Man...
LR1 ETC2-LR1 Datasheet
56Kb / 1P
Leaded Chip Resistors
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
Alloy Film Chip Resistors
HE1020 ETC2-HE1020 Datasheet
41Kb / 1P
Mounting screws are supplied in lengths shown unless otherwise specified.
logo
Pasternack Enterprises,...
PE330-12 PASTERNACK-PE330-12 Datasheet
356Kb / 5P
Same day shipment of custom lengths
PE331-36 PASTERNACK-PE331-36 Datasheet
357Kb / 5P
Same day shipment of custom lengths
PE334-100CM PASTERNACK-PE334-100CM Datasheet
358Kb / 5P
Same day shipment of custom lengths
logo
List of Unclassifed Man...
PMP-400 ETC1-PMP-400 Datasheet
835Kb / 6P
Quik-Spec Power Module Panel
logo
IOGEAR
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com