Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD16 Datasheet(PDF) 2 Page - Chip Quik Inc.

Part # SMD16
Description  Chip Quik Removal Alloy (16ft. In 30-6.5in. Lengths) leaded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD16 Datasheet(HTML) 2 Page - Chip Quik Inc.

  SMD16 Datasheet HTML 1Page - Chip Quik Inc. SMD16 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Removal
(With solder iron or warm air bath)
•
Apply flux to all leads.
•
Melt CHIP QUIK® uniformly on all pins.
•
Maintain alloy in molten state long enough to release chip.
•
Lift chip from board with dental pick or vacuum pen.
CLEAN UP
•
While molten, use cotton swab and flux to move excess to an unused section of board.
•
While applying heat, polish each pad with a swab and flux until thoroughly clean.
•
At room temperature, clean residue with alcohol pad.
•
You are now ready to install the new chip.
2.5 ft of Chip Quik® material, removes 1250 to 1500 SMD pins.
Conforms to the following Industry Standards:
J-STD-006C, Amendments 1 & 2 (Solder Alloys and Fluxed/Non-Fluxed Solders):
Yes
RoHS 2 Directive 2011/65/EU:
No
2
© 1994-2015 Chip Quik® Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com