Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 2 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 2 Page - Analog Microelectronics GmbH

  AM400 Datasheet HTML 1Page - Analog Microelectronics GmbH AM400 Datasheet HTML 2Page - Analog Microelectronics GmbH AM400 Datasheet HTML 3Page - Analog Microelectronics GmbH AM400 Datasheet HTML 4Page - Analog Microelectronics GmbH AM400 Datasheet HTML 5Page - Analog Microelectronics GmbH AM400 Datasheet HTML 6Page - Analog Microelectronics GmbH AM400 Datasheet HTML 7Page - Analog Microelectronics GmbH AM400 Datasheet HTML 8Page - Analog Microelectronics GmbH AM400 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
Februar 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
2/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
CONTENTS
FEATURES
3
GENERAL DESCRIPTION
3
BLOCK DIAGRAM
3
ELECTRICAL SPECIFICATIONS
4
BOUNDARY CONDITIONS
7
DETAILED DESCRIPTION OF FUNCTIONS
7
OPERATING AM400
10
General information on 2- and 3-wire applications
10
Setting the voltage gain using the voltage output
11
Setting the output current range and compensating for the offset using the current output
11
Selecting the supply voltage
11
POINTS TO NOTE: INITIAL OPERATION OF AM400
12
APPLICATIONS
13
1) Typical 3-wire application with a differential input signal
13
2) Typical 3-wire application with an input signal referenced to ground
14
3) Typical 2-wire application with a differential input signal
15
4) Application for the 16-pole version of AM400 (3-wire application)
17
BLOCK DIAGRAM, 20-POLE PINOUT AND DICE
18
BLOCK DIAGRAM AND 16-POLE PINOUT
19
EXAMPLE APPLICATIONS
20
DELIVERY
21
PACKAGE DIMENSIONS
21
FURTHER READING
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com