Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 9 Page - Analog Microelectronics GmbH

Part # AM400
Description  PRINCIPLE FUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM400 Datasheet(HTML) 9 Page - Analog Microelectronics GmbH

Back Button AM400 Datasheet HTML 5Page - Analog Microelectronics GmbH AM400 Datasheet HTML 6Page - Analog Microelectronics GmbH AM400 Datasheet HTML 7Page - Analog Microelectronics GmbH AM400 Datasheet HTML 8Page - Analog Microelectronics GmbH AM400 Datasheet HTML 9Page - Analog Microelectronics GmbH AM400 Datasheet HTML 10Page - Analog Microelectronics GmbH AM400 Datasheet HTML 11Page - Analog Microelectronics GmbH AM400 Datasheet HTML 12Page - Analog Microelectronics GmbH AM400 Datasheet HTML 13Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
9/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
4. The voltage-to-current converter (V/I converter) provides a voltage-controlled current signal at
IC output IOUT which activates an external transistor T1; this reduces the power dissipation of
the IC and supplies the output current IOUT. The external transistor is protected against reverse
polarity by an additional diode D1. Via pin SET an offset current ISET can be set at output IOUT
(with the help of the internal voltage reference and an external voltage divider as shown in
Figure 5, for example). External resistor R0 permits the output current to be finely adjusted with
parallel operation of current and the voltage output. For the output current IOUT boosted by T1
the following ratio applies:
SET
INDAI
OUT
I
R
V
I
+
=
0
8
with
0
2R
V
I
SET
SET =
(4)
with VINDAI the voltage at pin INDAI and VSET the voltage at pin SET (V/I converter inputs, see
Figure1)2.
5. The AM400 reference voltage source enables voltage to be supplied to external components
(such as sensors, microprocessors, etc.). The reference voltage value VREF can be set via pin
VSET. If pin VSET is not connected, VREF = 5V; if VSET is switched to ground, VREF = 10V.
Values between the above can be set if two external resistors are used (inserted between pin
VREF and pin VSET and between pin VSET and GND).
External capacitor C1 stabilizes the reference voltage. It must be connected even if the voltage
reference is not in use. It also must not exceed the minimum value.
6. The additional operational amplifier (OP3) can be used as a current or voltage source for the
supply of external components. OP3’s positive input is connected internally to voltage VBG so
that the output current or voltage can be set across a wide range using one or two external
resistors.
2 The construction of the V/I converter is such that output current IOUT is largely independent of the current
amplification
βF of external transistor T1. Production-specific variations in the current amplification of the transistors
used are compensated for internally by the V/I converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com