Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM422 Datasheet(PDF) 4 Page - Analog Microelectronics GmbH

Part # AM422
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM422 Datasheet(HTML) 4 Page - Analog Microelectronics GmbH

  AM422 Datasheet HTML 1Page - Analog Microelectronics GmbH AM422 Datasheet HTML 2Page - Analog Microelectronics GmbH AM422 Datasheet HTML 3Page - Analog Microelectronics GmbH AM422 Datasheet HTML 4Page - Analog Microelectronics GmbH AM422 Datasheet HTML 5Page - Analog Microelectronics GmbH AM422 Datasheet HTML 6Page - Analog Microelectronics GmbH AM422 Datasheet HTML 7Page - Analog Microelectronics GmbH AM422 Datasheet HTML 8Page - Analog Microelectronics GmbH AM422 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
4/10
FUNCTIONAL DIAGRAMS
FUNCTIONAL DESCRIPTION
The IC AM422 is an integrated voltage–to–current converter for a broad spectrum of possible single
ended input signals. With variations of a few external components the output current can be ad-
justed over a wide range. In addition to the resistors R0 – R5 and the capacitor C1 (C2), the circuitry
needs only an output transistor T1 and a diode D1. The external transistor decreases the power dissi-
pation of the IC and the diode is protecting the transistor against reverse polarity. Typical values for
the external components are listed in the Application Notes.
In principle the AM422 can be used as a two–wire or as a three–wire voltage–to–current interface.
The schematic of the entire system for the three–wire output is demonstrated on Figure 2. The ex-
ternal reference point Ground has to be identical to the ground pin 7 (GND) and the IC supply volt-
age becomes VCC = VS. Opposed to this, the ground pin 7 in the two–wire mode (Figure 3) (GND)
V
I
3
−Wire System
Ground
V
S
I
OUT
R
L
V
IN
Voltage Reference
Input
Amplifier
R
IN
R
A
Figure 2
V
I
2
−Wire System
Ground
V
S
I
OUT
R
L
Voltage Reference
Input
Amplifier
V
IN
R
IN
R
A
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com