Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM422 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AM422
Description  VOLTAGE/CURRENT CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM422 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

Back Button AM422 Datasheet HTML 2Page - Analog Microelectronics GmbH AM422 Datasheet HTML 3Page - Analog Microelectronics GmbH AM422 Datasheet HTML 4Page - Analog Microelectronics GmbH AM422 Datasheet HTML 5Page - Analog Microelectronics GmbH AM422 Datasheet HTML 6Page - Analog Microelectronics GmbH AM422 Datasheet HTML 7Page - Analog Microelectronics GmbH AM422 Datasheet HTML 8Page - Analog Microelectronics GmbH AM422 Datasheet HTML 9Page - Analog Microelectronics GmbH AM422 Datasheet HTML 10Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VOLTAGE/CURRENT CONVERTER
AM422
analog microelectronics
April 99
7/10
PINOUT
1
2
3
4
6
5
8
7
VCC
RS
OUT
VIN
VREF
VSET
SET
GND
Figure 5
DELIVERY
The AM422 is available in 2– (AM422–2) or 3–wire version (AM422–1). The different versions are
pin compatible. The AM422 is available as:
• 8 pin DIL packages (samples)
• SO 8 packages
• Dice on 5“ blue foil
PACKAGE DIMENSIONS SOP8
PIN
NAME
DESIGNATION
1
VCC
Supply Voltage
2
RS
Sense Resistor
3
OUT
Output
4
VIN
Voltage Input
5
SET
Set Voltage
6
VSET
Reference Voltage Select
7
GND
IC Ground
8
VREF
Reference Voltage Output
0°-10°
≥ 0,3
14
8
1,27
≤ 2,00
4,98 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com